Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T491A6861004A2 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T491A6861004A2
Description  SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491A6861004A2 Datasheet(HTML) 2 Page - Kemet Corporation

  T491A6861004A2 Datasheet HTML 1Page - Kemet Corporation T491A6861004A2 Datasheet HTML 2Page - Kemet Corporation T491A6861004A2 Datasheet HTML 3Page - Kemet Corporation T491A6861004A2 Datasheet HTML 4Page - Kemet Corporation T491A6861004A2 Datasheet HTML 5Page - Kemet Corporation T491A6861004A2 Datasheet HTML 6Page - Kemet Corporation T491A6861004A2 Datasheet HTML 7Page - Kemet Corporation T491A6861004A2 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SOLID TANTALUM CHIP CAPACITORS
T491 SERIES—Precision Molded Chip
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
16
T491 TANTALUM CHIP CAPACITANCE VALUES
Case Size by Capacitance and Voltage
Capacitance
Rated Voltage @ +85°C
µF
Code
2.5
3
4
6
10
16
20
25
35
50
0.10 104
AA
0.15 154
A
A/B
0.22 224
AB
0.33 334
AA
B
0.47 474
A
A/B
B/C
0.68 684
A
A
A/B
B/C
1.0 105
A
R/S/A
A/B
A/B
V/B/C
1.5 155
A
A
S/A
R/A/B
B/C
C/D
2.2 225
R/A
A/B
R/S/A
R/A/B
B/C
B/C
C/D
3.3 335
A
A
R/S/A
A/B
T/A/B
B/C
B/C
D
4.7 475
A
S/A
A/B
R/S
A/B/T
A/B/C
A/B/C
B/C/D
D
6.8 685
S/A
R/S
A/B
S/T
A/B
A/B/C
U/A/B/C
B/C
C/D
D/X
10.0 106
R/S
A/B
R/S/T
A/B
S/T/A
B/C
B/C/U
T/A
U/B/C
B/C/D
V/C/D
D/X
15.0 156
S/T
A/B
S/T
A/B/C
T/U
A/B/C
U/A/B/C
C/D
C/D
C/D/X
X
22.0 226
S/T
A/B/C
U/T
A/B/C
T/U
A/B/C
U/B
C/D
V/C/D
V/C/D
D/X
33.0 336
A
T/U
A/B/C
T/U
A/B/C
U/V/A
T/B/C/D U/C/D
V/C/D
D/X
X
47.0 476
T/U
A/B/C
T/U/A
B/C/D
U/V
B/C/D
V/C/D
D
D/X
X/E
68.0 686
U/A
B/C/D
U/B
C/D
U/V
B/C/D
V/C/D
D/X
D/X
100.0 107
T
T/U/A
B/C/D
U/V
B/C/D
V/C/D
V/D/X
D/X/E
150.0 157
V/B
C/D
V/C/D
V/C
D/X
D/X
220.0 227
V/B
V/C
D/X
V/D/X
X
330.0 337
V/C/D
D/X
D/X/E
470.0 477
D/X
D/X/E
X/E
680.0 687
D/X
E
1000.0 108
X/E
Capacitance
Rated Voltage @ +85°C


Similar Part No. - T491A6861004A2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491A6861004A2 KEMET-T491A6861004A2 Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A6861004A2 KEMET-T491A6861004A2 Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491A6861004A2 KEMET-T491A6861004A2 Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
More results

Similar Description - T491A6861004A2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491X107K016AS KEMET-T491X107K016AS Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491B226K006AS KEMET-T491B226K006AS Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491C107K010AT KEMET-T491C107K010AT Datasheet
705Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
logo
Vishay Siliconix
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com