Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOIL1SM0300A-QDC Datasheet(PDF) 1 Page - ON Semiconductor

Part # NOIL1SM0300A-QDC
Description  LUPA300 CMOS Image Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIL1SM0300A-QDC Datasheet(HTML) 1 Page - ON Semiconductor

  NOIL1SM0300A-QDC Datasheet HTML 1Page - ON Semiconductor NOIL1SM0300A-QDC Datasheet HTML 2Page - ON Semiconductor NOIL1SM0300A-QDC Datasheet HTML 3Page - ON Semiconductor NOIL1SM0300A-QDC Datasheet HTML 4Page - ON Semiconductor NOIL1SM0300A-QDC Datasheet HTML 5Page - ON Semiconductor NOIL1SM0300A-QDC Datasheet HTML 6Page - ON Semiconductor NOIL1SM0300A-QDC Datasheet HTML 7Page - ON Semiconductor NOIL1SM0300A-QDC Datasheet HTML 8Page - ON Semiconductor NOIL1SM0300A-QDC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
© Semiconductor Components Industries, LLC, 2013
February, 2013 − Rev. 10
1
Publication Order Number:
NOIL1SM0300A/D
NOIL1SM0300A
LUPA300 CMOS Image
Sensor
Features
640(H) x 480(V) Active Pixels (VGA Resolution)
9.9 mm x 9.9 mm Square Pixels (Based on the High-Fill Factor
Active Pixel Sensor Technology of FillFactory (US patent No.
6,225,670 and others)).
Optical Format: 1/2 Optical Inch
Pixel Rate of 80 MHz
Frame Rate: 250 fps at Full Resolution
On-Chip 10 bit ADCs
Global Shutter
Subsampling (Y Direction)
Serial Pheripheral Interface (SPI)
Programmable Read Out Direction (X and Y)
Random Programmable Windowing
Power Dissipation: 190 mW
48-pin LCC Package
These Devices are Pb−Free and are RoHS Compliant
Applications
Machine Vision
Motion Tracking
Overview
This document describes the interfacing and driving of the LUPA300 image sensor. The pixel size and resolution result in a
6.3 mm x 4.7 mm optical active area (1/2 inch).
This VGA-resolution CMOS active pixel sensor features global shutter and a maximal frame rate of 250 fps in full
resolution, where integration during readout is possible. The readout speed can be boosted by means of subsampling and
windowed Region Of Interest (ROI) readout. High dynamic range scenes can be captured using the double and multiple slope
functionality. User programmable row and column start/stop positions allow windowing. subsampling reduces resolution
while maintaining the constant field of view and an increased frame rate. The programmable gain and offset amplifier maps
the signal swing to the ADC input range. A 10-bit ADC converts the analog data to a 10-bit digital word stream. The sensor
uses a 3-wire Serial-Parallel (SPI) interface. It operates with a 3.3 V and 2.5 V power supply and requires only one master
clock for operation up to 80 MHz pixel rate. It is housed in an 48-pin ceramic LCC package.
The sensor is available in a monochrome version or Bayer (RGB) patterned color filter array.
This data sheet allows the user to develop a camera-system based on the described timing and interfacing.
ORDERING INFORMATION
Marketing Part Number
Description
Package
NOIL1SM0300A-QDC
Mono with Glass
48 pin LCC
NOIL1SE0300A-QDC
Color micro lens with Glass
NOIL1SM0300A-WWC
Mono Wafer Sales
Wafer Sales
NOTE: For more information, see Ordering Code Information on page 27.
http://onsemi.com
Figure 1. LUPA300 Package Photo


Similar Part No. - NOIL1SM0300A-QDC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIL1SM0300A-QDC ONSEMI-NOIL1SM0300A-QDC Datasheet
448Kb / 29P
   LUPA300 CMOS Image Sensor
December, 2016 ??Rev. 11
More results

Similar Description - NOIL1SM0300A-QDC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIL1SM0300A ONSEMI-NOIL1SM0300A_16 Datasheet
448Kb / 29P
   LUPA300 CMOS Image Sensor
December, 2016 ??Rev. 11
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
KAC-12040 ONSEMI-KAC-12040 Datasheet
820Kb / 41P
   CMOS Image Sensor
August, 2015 ??Rev. 4
NOIV1SN5000A ONSEMI-NOIV1SN5000A_16 Datasheet
760Kb / 70P
   CMOS Image Sensor
December, 2016 ??Rev. 7
KAC-06040 ONSEMI-KAC-06040_16 Datasheet
877Kb / 43P
   CMOS Image Sensor
March, 2016 ??Rev. 3
logo
List of Unclassifed Man...
HV7131R ETC-HV7131R Datasheet
1Mb / 33P
   CMOS Image Sensor
logo
Leopard Imaging Inc.
LI-IMX290-MIPI LEOPARD-LI-IMX290-MIPI Datasheet
1Mb / 8P
   CMOS Image Sensor
logo
Hamamatsu Corporation
S10227 HAMAMATSU-S10227 Datasheet
282Kb / 4P
   CMOS linear image sensor Small plastic package CMOS image sensor
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com