Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPA67K-E1G2-25 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LPA67K-E1G2-25
Description  Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LPA67K-E1G2-25 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LPA67K-E1G2-25 Datasheet HTML 3Page - OSRAM GmbH LPA67K-E1G2-25 Datasheet HTML 4Page - OSRAM GmbH LPA67K-E1G2-25 Datasheet HTML 5Page - OSRAM GmbH LPA67K-E1G2-25 Datasheet HTML 6Page - OSRAM GmbH LPA67K-E1G2-25 Datasheet HTML 7Page - OSRAM GmbH LPA67K-E1G2-25 Datasheet HTML 8Page - OSRAM GmbH LPA67K-E1G2-25 Datasheet HTML 9Page - OSRAM GmbH LPA67K-E1G2-25 Datasheet HTML 10Page - OSRAM GmbH LPA67K-E1G2-25 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LG A67K, LP A67K
2012-06-15
7
Durchlassstrom2) Seite 15
Forward Current2) page 15
I
F = f (VF); TA = 25 °C
Relative Lichtstärke2) 7) Seite 15
Relative Luminous Intensity2) 7) page 15
IV/IV(2 mA) = f (IF); TA = 25 °C
Relative Lichtstärke2) Seite 15
Relative Luminous Intensity2) page 15
IV / IV(25 °C)= f (Tj); IF = 2 mA
V
OHL00802
1.4
10
-3
10
-2
10
-1
10
0
10
1
mA
10
2
IF
V
F
1.6
1.8
2.0
2.2
10
10
0
mA
1
10
I F
2
OHL00801
V
V (2 mA)
I
10
2
I
10
-1
10
0
10
1
OHL00800
0
-60
T
IV (25˚C)
IV
-40 -20
0
20 40 60
˚C 100
0.5
1.0
1.5
2.0
3.0
j


Similar Part No. - LPA67K-E1G2-25

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LPA67K-E1G2-25 OSRAM-LPA67K-E1G2-25 Datasheet
236Kb / 15P
   Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LPA67K-E1G2-25

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA67K OSRAM-LGA67K Datasheet
236Kb / 15P
   Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
Q65110A1900 OSRAM-Q65110A1900 Datasheet
366Kb / 15P
   Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYR976-Z OSRAM-LYR976-Z Datasheet
487Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWQ183 OSRAM-LWQ183 Datasheet
559Kb / 16P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LOR976-PS-1 OSRAM-LOR976-PS-1 Datasheet
406Kb / 14P
   Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LPL296 OSRAM-LPL296 Datasheet
496Kb / 14P
   SmartLED짰 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LSL29K OSRAM-LSL29K Datasheet
228Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LGL29K OSRAM-LGL29K Datasheet
225Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LWV18C OSRAM-LWV18C Datasheet
582Kb / 15P
   FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWV28G OSRAM-LWV28G Datasheet
610Kb / 16P
   FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com