Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV0223CV Datasheet(PDF) 5 Page - ON Semiconductor

Part # LV0223CV
Description  Front Monitor OE-IC for Optical Pickups
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV0223CV Datasheet(HTML) 5 Page - ON Semiconductor

  LV0223CV Datasheet HTML 1Page - ON Semiconductor LV0223CV Datasheet HTML 2Page - ON Semiconductor LV0223CV Datasheet HTML 3Page - ON Semiconductor LV0223CV Datasheet HTML 4Page - ON Semiconductor LV0223CV Datasheet HTML 5Page - ON Semiconductor LV0223CV Datasheet HTML 6Page - ON Semiconductor LV0223CV Datasheet HTML 7Page - ON Semiconductor LV0223CV Datasheet HTML 8Page - ON Semiconductor LV0223CV Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LV0223CV
No.A1919-5/8
Continued from preceding page.
SSEL = Open
Address
7
6
5
4
3
2
1
0
Name
70h
POWER
IV GAIN SEL
GAIN SEL
IV GAIN2
Default
00
00
00
1
0
Value
11: Power on
00/01/10: Sleep
*4
00/01: BD
10: DVD
11: CD
*4
Name
71h
BD GAIN
Default
1
1
1
1
1
1
1
1
Value
00000000 to 11111111
Name
72h
DVD GAIN
Default
1
1
1
1
1
1
1
1
Value
00000000 to 11111111
Name
73h
CD GAIN
Default
1
1
1
1
1
1
1
1
Value
00000000 to 11111111
Name
7Eh
TEST1 (*1)
Name
7Fh
TEST2 (*1)
*1 TEST1 and TEST2 are either the time when power is applied or “00000000” is set. Do not attempt to change “00000000” during operation.
“00000000” is returned when reading is made.
*2 No problem in terms of operation occurs even when writing is made to the address 04h to 0Dh and 14h to 1Dh and 74h to 7Dh.
“00000000” is returned when this address is read.
*3 When I performed address reading except the register group set by an SSEL terminal, I keep Hi-Z without paying a value.
*4 Please set the gain setting of the I/V amplifier referring to the table below.
I/V amplifier gain setting table
00h/10h/70h
5
4
1
Name
IV GAIN1 SET
IV GAIN2
Default
00
1
IV GAIN
High2
00/01
1
High1
10/11
1
Middle2
00/01
0
Middle1
10
0
Low
11
0


Similar Part No. - LV0223CV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV0223CV SANYO-LV0223CV Datasheet
136Kb / 8P
   For Optical Pickups Front Monitor OE-IC
More results

Similar Description - LV0223CV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1823 ONSEMI-ENA1823 Datasheet
100Kb / 7P
   Front Monitor OE-IC for Optical Pickups
June, 2013
ENA2144 ONSEMI-ENA2144 Datasheet
93Kb / 9P
   Front Monitor OE-IC for Optical Pickups
May, 2013
logo
Sanyo Semicon Device
LV0221CS SANYO-LV0221CS Datasheet
203Kb / 6P
   For Optical Pickups Front Monitor OE-IC
LV0223CV SANYO-LV0223CV Datasheet
136Kb / 8P
   For Optical Pickups Front Monitor OE-IC
LV0220CS SANYO-LV0220CS Datasheet
70Kb / 5P
   Monolithic Linear IC For Optical Pickups Front Monitor OE-IC
LV0229XA SANYO-LV0229XA Datasheet
84Kb / 8P
   Front Monitor OE-IC
logo
Rohm
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
   Optical Sensor for Heart Rate Monitor IC
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
   Optical Sensor for Heart Rate Monitor IC
logo
Intersil Corporation
ISL58333_1110 INTERSIL-ISL58333_1110 Datasheet
89Kb / 2P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58327 INTERSIL-ISL58327 Datasheet
346Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
July 29, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com