Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5271 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5271
Description  Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5271 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5271 Datasheet HTML 1Page - ON Semiconductor CAT5271 Datasheet HTML 2Page - ON Semiconductor CAT5271 Datasheet HTML 3Page - ON Semiconductor CAT5271 Datasheet HTML 4Page - ON Semiconductor CAT5271 Datasheet HTML 5Page - ON Semiconductor CAT5271 Datasheet HTML 6Page - ON Semiconductor CAT5271 Datasheet HTML 7Page - ON Semiconductor CAT5271 Datasheet HTML 8Page - ON Semiconductor CAT5271 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 3
1
Publication Order Number:
CAT5271/D
CAT5271, CAT5273
Dual 256‐position I2C
Compatible Digital
Potentiometers (POTs)
The CAT5271 and CAT5273 are dual 256-position digital
programmable linear taper potentiometers ideally suited for replacing
mechanical potentiometers and variable resistors.
The wiper settings are controlled through an I2C-compatible digital
interface. Upon power-up, the wiper assumes a midscale position and
may be repositioned anytime after the power is stable. The devices can
be programmed to go to a shutdown state during operation.
The CAT5271 and CAT5273 operate from 2.7 V to 5.5 V, while
consuming less than 2
mA. This low operating current, combined with
a small package footprint, makes them ideal for battery-powered
portable applications.
The CAT5271 and CAT5273, designed as pin for pin replacements
for the AD5243 and AD5248, are offered in the 10-lead MSOP
package and operate over the −40C to +85C industrial temperature
range.
Features
Dual 256-position
End-to-End Resistance: 50 kW, 100 kW
I2C Compatible Interface*
Power-on Preset to Midscale
Single Supply 2.7 V to 5.5 V
Low Temperature Coefficient 100 ppm/C
Low Power, IDD 2 mA max
Wide Operating Temperature −40C to +85C
MSOP−10 Package (3 mm  4.9 mm)
These Devices are Pb-Free, Halogen Free/BFR Free and are
RoHS Compliant
Typical Applications
Potentiometer Replacement
Transducer Adjustment of Pressure, Temperature, Position,
Chemical, and Optical Sensors
RF Amplifier Biasing
Gain Control and Offset Adjustment
*Two address decode pins (CAT5273 only) allowing
multiple devices on the same bus
http://onsemi.com
PIN CONNECTIONS
SCL
A2
B2
W1
VDD
W2
A1
B1
1
(Top Views)
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
MSOP−10
Z SUFFIX
CASE 846AE
ANCC = CAT5721 − 50 kW
ANCE = CAT5721 − 100 kW
PA = CAT5273 − 50 kW*
Y = Production Year (Last Digit)
M = Production Month (1−9, O, N, D)
R = Revision
L = Assembly Location
XX = Last Two Digits of Assembly Lot Number
ANCC
YMR
MARKING DIAGRAMS
1
ANCE
YMR
1
SDA
GND
PAYM
LXX
1
CAT5271
SCL
AD1
B2
W1
VDD
W2
AD0
B1
1
SDA
GND
CAT5273
*Contact factory for availability of CAT5273 − 100 kW


Similar Part No. - CAT5271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
CAT5271ZI-00-GT3 ONSEMI-CAT5271ZI-00-GT3 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
CAT5271ZI-50-GT3 ONSEMI-CAT5271ZI-50-GT3 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
More results

Similar Description - CAT5271

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5191 ONSEMI-CAT5191 Datasheet
136Kb / 11P
   256?릔osition I2C Compatible Digital Potentiometer
November, 2016 ??Rev. 0
CAT5171 ONSEMI-CAT5171_17 Datasheet
133Kb / 12P
   256?릔osition I2C Compatible Digital Potentiometer
August, 2017 ??Rev. 3
logo
Analog Devices
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171_13 Datasheet
209Kb / 12P
   256?릔osition I2C Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 2
logo
Analog Devices
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172_13 Datasheet
222Kb / 10P
   256?릔osition SPI Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com