Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5273 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5273
Description  Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5273 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5273 Datasheet HTML 1Page - ON Semiconductor CAT5273 Datasheet HTML 2Page - ON Semiconductor CAT5273 Datasheet HTML 3Page - ON Semiconductor CAT5273 Datasheet HTML 4Page - ON Semiconductor CAT5273 Datasheet HTML 5Page - ON Semiconductor CAT5273 Datasheet HTML 6Page - ON Semiconductor CAT5273 Datasheet HTML 7Page - ON Semiconductor CAT5273 Datasheet HTML 8Page - ON Semiconductor CAT5273 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT5271, CAT5273
http://onsemi.com
2
Wiper Control
SDA
A1
W1
SCL
Figure 1. CAT5271 Functional Block Diagram
VCC
B1
GND
Register 1
Wiper Control
A2
W2
B2
Register 2
Figure 2. CAT5273 Functional Block Diagram
Wiper Control
SDA
W1
SCL
VCC
B1
GND
AD0
AD1
Register 1
Wiper Control
W2
B2
Register 2
Control Logic
Table 1. PIN FUNCTION DESCRIPTION
CAT5271
CAT5273
Pin No.
Pin Name
Description
Pin Name
Description
1
B1
B1 Terminal
B1
B1 Terminal
2
A1
A1 Terminal
AD0
Device Address Bit 0
3
W2
W2 Terminal
W2
W2 Terminal
4
GND
Digital Ground
GND
Digital Ground
5
VDD
Positive Power Supply
VDD
Positive Power Supply
6
SCL
Serial Clock Input
SCL
Serial Clock Input
7
SDA
Serial Data Input / Output
SDA
Serial Data Input / Output
8
A2
A2 Terminal
AD1
Device Address Bit 1
9
B2
B2 Terminal
B2
B2 Terminal
10
W1
W1 Terminal
W1
W1 Terminal
Table 2. ABSOLUTE MAXIMUM RATINGS (Note 1)
Rating
Value
Unit
VDD to GND
−0.3 to 6.5
V
A1, B1, W1, A2, B2, W2 Voltage to GND
VDD
IMAX
20
mA
Digital Inputs and Output Voltage to GND
0 to 6.5
V
Operating Temperature Range
−40 to +85
C
Maximum Junction Temperature (TJMAX)
150
C
Storage Temperature
−65 to +150
C
Lead Temperature (Soldering, 10 sec)
300
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Maximum terminal current is bounded by the maximum current handling of the switches, maximum power dissipation of the package, and
maximum applied voltage across any two of the A, B, and W terminals at a given resistance.


Similar Part No. - CAT5273

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5270 ONSEMI-CAT5270 Datasheet
168Kb / 10P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
CAT5270YI-00-GT2 ONSEMI-CAT5270YI-00-GT2 Datasheet
168Kb / 10P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
CAT5270YI-50-GT2 ONSEMI-CAT5270YI-50-GT2 Datasheet
168Kb / 10P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
CAT5271ZI-00-GT3 ONSEMI-CAT5271ZI-00-GT3 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
More results

Similar Description - CAT5273

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5191 ONSEMI-CAT5191 Datasheet
136Kb / 11P
   256?릔osition I2C Compatible Digital Potentiometer
November, 2016 ??Rev. 0
CAT5171 ONSEMI-CAT5171_17 Datasheet
133Kb / 12P
   256?릔osition I2C Compatible Digital Potentiometer
August, 2017 ??Rev. 3
logo
Analog Devices
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171_13 Datasheet
209Kb / 12P
   256?릔osition I2C Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 2
logo
Analog Devices
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172_13 Datasheet
222Kb / 10P
   256?릔osition SPI Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com