Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C038X038KCT Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # C038X038KCT
Description  Thermal Transfer Component Labels
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

C038X038KCT Datasheet(HTML) 1 Page - PANDUIT CORP.

  C038X038KCT Datasheet HTML 1Page - PANDUIT CORP. C038X038KCT Datasheet HTML 2Page - PANDUIT CORP. C038X038KCT Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power Connectors
E1.
Labeling Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Part Number System for Component Labels
C = Component Label
Print Method
T = Thermal Transfer,
3.00" Core
YJ = Polyester
PB = Paper
KB = Polyimide
CB = Vinyl Cloth
C100X050YJ
T
Width
(In.)
Label Type
“X”
Height
(In.)
Material
Thermal Transfer Component Labels
• Labels offer crisp, clear legends with superior legibility
• Available in polyester, vinyl cloth, and polyimide materials and
supplied on rolls
• Designed for use with thermal transfer desktop printers, including
the TDP43MY and TDP42HY printers
• Panduit labeling software packages include all label formats for
quick and easy label production
Material/Print Method Selection Guide
Material
Print Method
Temperature Range
Features
Polyester, White (YJ)
Thermal Transfer (T)
-40°F to 302°F
(-40°C to 150°C)
Indoor/outdoor rated; provides durability, high temperature
resistance and dimensional stability; does not stretch or easily tear.
Paper, White (PB)
-65°F to 160°F
(-54°C to 71°C)
Indoor rated; general purpose material; excellent adhesion
properties when applied to a clean dry surface.
Polyimide, White (KB)
-40°F to 350°F
(-40°C to 177°C)
Indoor rated; ideal for electronic components and internal circuitry
applications; material is intended for applications requiring
requiring solvent and high temperature resistance performance,
such as the wave solder process.
Vinyl Cloth, White (CB)
Silver (YM)
Clear (YK)
50°F to 170°F
(10°C to 77°C)
Indoor/outdoor rated; thin conformable material with repositionable
adhesive allows label to be removed and reused or used in
temporary applications; provides durability, high temperature
resistance, and dimensional stability for rough or textured surfaces;
resists oil and abrasion.


Similar Part No. - C038X038KCT

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C038X038YJJ PANDUIT-C038X038YJJ Datasheet
78Kb / 2P
   OPTIMUM CO38X038YJJ AND C038X038YLJ LASER INKJET LABELS
C038X038YLJ PANDUIT-C038X038YLJ Datasheet
78Kb / 2P
   OPTIMUM CO38X038YJJ AND C038X038YLJ LASER INKJET LABELS
More results

Similar Description - C038X038KCT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1654227 MACOM-1654227 Datasheet
2Mb / 48P
   Thermal Transfer
logo
List of Unclassifed Man...
R6011 ETC2-R6011 Datasheet
496Kb / 1P
   Thermal Transfer Print Ribbons
logo
PANDUIT CORP.
RHR4BL-S PANDUIT-RHR4BL-S Datasheet
104Kb / 2P
   Thermal Transfer Resin Ribbon
logo
HellermannTyton.
TAG6T1-100B HELLERMANNTYTON-TAG6T1-100B Datasheet
368Kb / 3P
   Thermal Transfer Labels, Self-Laminating, 2.0 x 1.0 x 3.75, 1 Across, VL, White, 1000/roll
2022
TAG3T3-100B HELLERMANNTYTON-TAG3T3-100B Datasheet
366Kb / 3P
   Thermal Transfer Labels, Self-Laminating, 1.0 x 1.0 x 3.75, 3 Across, VL, White, 3000/roll
2022
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
logo
PANDUIT CORP.
C060X020YJC PANDUIT-C060X020YJC Datasheet
64Kb / 2P
   P1??General Component Label Cassettes for PanTher??LS8E Hand-Held Thermal Transfer Printers
logo
HellermannTyton.
TAG22T3-100B HELLERMANNTYTON-TAG22T3-100B Datasheet
366Kb / 3P
   Thermal Transfer Labels, Self-Laminating, 1.0 x .5 x 1.43, 3 Across, VL, White, 5000/roll
2022
TAG9T3-100B HELLERMANNTYTON-TAG9T3-100B Datasheet
366Kb / 3P
   Thermal Transfer Labels, Self-Laminating, 1.0 x .75 x 2.25, 3 Across, VL, White, 5000/roll
2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com