Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

WM7133L Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part No. WM7133L
Description  Bottom Port Analogue Silicon Microphone
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7133L Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM7133L Datasheet HTML 1Page - Wolfson Microelectronics plc WM7133L Datasheet HTML 2Page - Wolfson Microelectronics plc WM7133L Datasheet HTML 3Page - Wolfson Microelectronics plc WM7133L Datasheet HTML 4Page - Wolfson Microelectronics plc WM7133L Datasheet HTML 5Page - Wolfson Microelectronics plc WM7133L Datasheet HTML 6Page - Wolfson Microelectronics plc WM7133L Datasheet HTML 7Page - Wolfson Microelectronics plc WM7133L Datasheet HTML 8Page - Wolfson Microelectronics plc WM7133L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
w
WM7133L
Bottom Port Analogue Silicon Microphone
WOLFSON MICROELECTRONICS plc
Pre-Production, May 2014, Rev 3.1
Copyright
 2014 Wolfson Microelectronics plc
DESCRIPTION
The WM7133L is a low-profile silicon analogue microphone.
It offers high Signal to Noise Ratio (SNR) and low power
consumption and is suited to a wide variety of consumer
applications.
The
WM7133L
incorporates
Wolfson’s
proprietary
CMOS/MEMS membrane technology, offering high reliability
and high performance in a miniature, low-profile package.
The WM7133L is designed to withstand the high
temperatures associated with automated flow solder
assembly processes. (Note that conventional microphones
can be damaged by this process.)
FEATURES
High SNR (64.5dB)
Low variation in sensitivity (±3dB)
Low current consumption (180µA)
Analogue output
Bottom Port LGA Package
1.5V to 3.7V supply
APPLICATIONS
Mobile phone handsets
Wearable devices
Portable media players
Digital cameras
BLOCK DIAGRAM
3D VIEW
3.35mm x 2.50mm x 0.98mm LGA package


Similar Part No. - WM7133L

ManufacturerPart No.DatasheetDescription
Wolfson Microelectronics plc
Wolfson Microelectronic...
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7130AE WOLFSON-WM7130AE Datasheet
340Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
Cirrus Logic
Cirrus Logic
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
Wolfson Microelectronics plc
Wolfson Microelectronic...
WM7132E WOLFSON-WM7132E Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
More results

Similar Description - WM7133L

ManufacturerPart No.DatasheetDescription
Wolfson Microelectronics plc
Wolfson Microelectronic...
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7120A WOLFSON-WM7120A Datasheet
178Kb / 12P
   Top Port Analogue Silicon Microphone
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
   Top Port Analogue Silicon Microphone
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
   Top Port Analogue Silicon Microphone
Cirrus Logic
Cirrus Logic
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
Wolfson Microelectronics plc
Wolfson Microelectronic...
WM7230 WOLFSON-WM7230 Datasheet
320Kb / 12P
   Bottom Port Digital Silicon Microphone
Cirrus Logic
Cirrus Logic
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
Wolfson Microelectronics plc
Wolfson Microelectronic...
WM7231 WOLFSON-WM7231 Datasheet
292Kb / 14P
   Bottom Port Digital Silicon Microphone
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz