Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ULTRABLOK Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. ULTRABLOK
Description  Direct Plug-In Isobar Surge Protector with 2 outlets and Black All-Metal Housing
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ULTRABLOK Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PHYSICAL
Shipping Dimensions (HWD/in)
5 x 3.75 x 2.5
Shipping Dimensions (HWD/cm)
12.7 x 9.53 x 6.35
Shipping weight (lbs)
1
Shipping weight (kg)
0.45
Unit Dimensions (HWD/in)
4 x 2.5 x 2.5
Unit Dimensions (HWD/cm)
10.16 x 6.35 x 6.35
Unit weight (lbs)
.8
Unit weight (kg)
0.36
Material of construction
Metal
Housing Color
Black
Receptacle Color
Black
Style
Direct Plug-in
Form factors supported
Direct plug-in format with retaining bracket supports wall mounting directly to a standard AC wall socket
SPECIAL FEATURES
Appearance
Attractive, all-black color scheme
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
Tested to UL1449 3rd Edition by ETL
cUL / CSA (Canada)
Approved for Canada by ETL
Approvals
Exceeds IEEE 587 category A&B specifications
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$10,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 3


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn