Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ULTRABLOK Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. ULTRABLOK
Description  Direct Plug-In Isobar Surge Protector with 2 outlets and Black All-Metal Housing
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ULTRABLOK Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OVERVIEW
Intended Application
Home/Office, Travel
OUTPUT
Frequency compatibility
50 / 60 Hz
Output watts
1800
Circuit Breaker (amps)
15
Outlet quantity / type
2 NEMA 5-15R
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P
Input cord length details
Direct plug-in
Voltage compatibility (VAC)
120
UPC ASSIGNMENT
Unit Carton UPC#
037332010476
LEDS ALARMS & SWITCHES
Diagnostic LEDs
PROTECTION PRESENT (green), LINE FAULT (red) and LINE OK (green)
SURGE / NOISE SUPPRESSION
AC suppression joule rating
1410
AC suppression response time
NM = 0 ns. CM = <1 ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping voltage (RMS)
140
AC suppression surge current rating
48,000 amps
AC suppression components used
Metal oxide varistors, toroidal balanced chokes and VHF capacitors
Safe thermal fusing
Prevents unsafe conditions during extreme extended overvoltages and catastrophic occurences
EMI / RFI filtering
40-80 dB
Immunity
Conforms to IEE 587 / ANSI C62.41
DATALINE SURGE SUPPRESSION
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
2 / 3


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn