Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR-6FM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TR-6FM
Description  6 outlet, 6-ft cord, 3040 joules, Modem/Fax protection Surge Suppressor - State of the art protection for every application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TR-6FM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TR-6FM Datasheet HTML 1Page - List of Unclassifed Manufacturers TR-6FM Datasheet HTML 2Page - List of Unclassifed Manufacturers TR-6FM Datasheet HTML 3Page - List of Unclassifed Manufacturers TR-6FM Datasheet HTML 4Page - List of Unclassifed Manufacturers TR-6FM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Shipping Dimensions (HWD/in)
13.25 x 6 x 2.25
Shipping Dimensions (HWD/cm)
33.7 x 15.24 x 5.7
Shipping weight (lbs)
2.15
Shipping weight (kg)
.98
Unit Dimensions (HWD/in)
1.75 x 3.5 x 9.5
Unit Dimensions (HWD/cm)
4.45 x 8.9 x 24.13
Unit weight (lbs)
1.65
Unit weight (kg)
.75
Material of construction
Plastic
Integrated keyhole mounting tabs
Keyhole mounting tabs enable wall mounting
Housing Color
Light Gray
Receptacle Color
Light Gray
AC line cord color
Light Gray
Style
Strip
Outlets center to center
measurement
Distance between horizontal outlets = 44.20mm; Distance between vertical outlets = 39mm
Keyhole slot center to center
measurement
88.8mm
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
Tested to UL1449 3rd Edition by ETL
UL497A (Communications)
UL497A
FCC Part 68 (Communications)
FCC Part 68
cUL / CSA (Canada)
Approved for Canada by ETL
Industry Canada (Communications)
Industry Canada
Approvals
Exceeds IEEE 587 category A&B specifications
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$50,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
3 / 4


Similar Part No. - TR-6FM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TR-6 ETC2-TR-6 Datasheet
498Kb / 4P
   6 outlet, 6-ft cord, 2420 joule Surge Suppressor - State of the art protection for every application
logo
3M Electronics
TR-600 3M-TR-600 Datasheet
716Kb / 1P
   3M??Versaflo??TR-600 Series Parts and Accessories
2018
TR-600-ECK/37375 3M-TR-600-ECK/37375 Datasheet
716Kb / 1P
   3M??Versaflo??TR-600 Series Parts and Accessories
2018
TR-600-HIK/37374 3M-TR-600-HIK/37374 Datasheet
716Kb / 1P
   3M??Versaflo??TR-600 Series Parts and Accessories
2018
TR-600-HKS/HKL 3M-TR-600-HKS/HKL Datasheet
716Kb / 1P
   3M??Versaflo??TR-600 Series Parts and Accessories
2018
More results

Similar Description - TR-6FM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TR-6 ETC2-TR-6 Datasheet
498Kb / 4P
   6 outlet, 6-ft cord, 2420 joule Surge Suppressor - State of the art protection for every application
S6-DLX ETC2-S6-DLX Datasheet
484Kb / 3P
   Surge Suppressor- State of the art protection for every application
ISOTEL4ULTRA ETC2-ISOTEL4ULTRA Datasheet
506Kb / 5P
   4-outlet, 6-ft cord, 3330 joules, Modem/fax protection, All metal housing Isobar Surge Suppressor
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
SUPER7TEL ETC2-SUPER7TEL Datasheet
502Kb / 5P
   7-outlet, 7-ft cord, 2520 joules, Modem/Fax Protection Protect It! Surge Suppressor
TLP810SAT ETC2-TLP810SAT Datasheet
518Kb / 5P
   8 outlet, 10-ft cord, 3240 joules, Coax/Modem/Fax protection - Protect It! Surge Suppressor
ISOTEL ETC2-ISOTEL Datasheet
500Kb / 5P
   4 outlet, 6-ft cord, 3330 joules Isobar Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP66NET TRIPPLITE-TLP66NET Datasheet
129Kb / 3P
   6-outlet, 6ft cord, 1080 joules, RJ45 protection - Protect It! Surge Suppressor
logo
List of Unclassifed Man...
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
   7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
   8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com