Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB2041NL Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # PB2041NL
Description  HIGH FREQUENCY WIRE WOUND TRANSFORMERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PB2041NL Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  PB2041NL Datasheet HTML 1Page - Pulse A Technitrol Company PB2041NL Datasheet HTML 2Page - Pulse A Technitrol Company PB2041NL Datasheet HTML 3Page - Pulse A Technitrol Company PB2041NL Datasheet HTML 4Page - Pulse A Technitrol Company PB2041NL Datasheet HTML 5Page - Pulse A Technitrol Company PB2041NL Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
107
SPM2007 (11/07)
HIGH FREQUENCY WIRE WOUND
TRANSFORMERS
EFD Platforms - EFD15, EFD20 and EFD25
1,2
3,4
5
7,8,9
6
PA0273
+12v/4.5A
10,11,12
36-75v
Pri. Aux.
12v/0.1A
2
9
1
10
PB2003
+5v/6A
3
4
5
6
7
8
Primary
36-75v
Auxiliary
15v/0.1A
25-75v
250kHz
15v/0.1A
4
5
1
9,8,7
3
PA0751
3.3v/4.5A
12,11,10
NOTE: Pins 1 & 2 and Pins 3 & 4 to be
connected on customer PCB
PA0769
12
11
10
9
8
7
+5v/9A
+12v/2.1A
-12v/2.1A
1
3
5
6
2
4
36-75v
250kHz
12v/0.1A
8
2
3
1
4
6
5
7
30-57v
250kHz
+12v/5A
PA1040
-12v/1.6A
5
6
10
11
5v/4.5A
PA1066
1
2
3
4
34-75v
AUX
12v/25mA
RESET
8
9
5v/4.5A
Schematics
7,6
1
3
9,8
4
5
PB2187
+12v/1.7A
36-75v
225kHz
15v/0.1A
NOTE: Pins 9 to 8 and Pins 7 to 6
to be connected on customer PCB
4
2
Primary
18-72v
1
3
5
6
Auxiliary
10v/.02A
+5v/3A
10
11
12
7
8
9
PA0476
3.3v/3A
3
5
2
1
10
11
12
7
8
9
5.6v/0.01A
PA0691
NOTE: Pins 8, 9 and 10 to be
connected on customer PCB
28-59v
100kHz
10v/0.015A
5.0v/2A
3
5
2
1
10
11
12
7
8
9
7.5v/0.01A
PA1039
NOTE: Pins 8, 9 and 10 to be
connected on customer PCB
30-57v
100kHz
10v/0.015A
5
6
9, 8, 7
12, 11,10
PA1067
1
2
3
4
34-75v
3.3v/6A
AUX
12v/25mA
RESET
EFD 15
EFD 20
(EFD 20 Schematics continued on next page)


Similar Part No. - PB2041NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PB2041NL PULSE-PB2041NL Datasheet
279Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS EFD20 Platforms - SMT
More results

Similar Description - PB2041NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1277NLT PULSE-PA1277NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com