Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMX750SLT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMX750SLT
Description  SmartPro .75kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMX750SLT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMX750SLT Datasheet HTML 1Page - List of Unclassifed Manufacturers SMX750SLT Datasheet HTML 2Page - List of Unclassifed Manufacturers SMX750SLT Datasheet HTML 3Page - List of Unclassifed Manufacturers SMX750SLT Datasheet HTML 4Page - List of Unclassifed Manufacturers SMX750SLT Datasheet HTML 5Page - List of Unclassifed Manufacturers SMX750SLT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Cooling method
Fan
UPS housing material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
73
Battery mode BTU / hr. (full load)
349
AC mode efficiency rating (100%
load)
96%
Audible Noise
Audible Noise < 50 dBA at Front Side 1 Meter
COMMUNICATIONS
Communications interface
USB (HID enabled); DB9 Serial; Slot for SNMP/Web interface
Network monitoring port description
Supports detailed monitoring of UPS and site power conditions
PowerAlert software
Included
Communications cable
USB and DB9 cabling included
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer time
4-8 milliseconds
Low voltage transfer to battery
power (setpoint)
151 (220V), 158 (230V), 166 (240V)
High voltage transfer to battery
power (setpoint)
266V (220V), 278V (230V) or 290V (240V)
SPECIAL FEATURES
Cold Start (startup in battery mode
during a power failure)
Cold-start operation supported
High availability UPS features
Hot swappable batteries
Green & high efficiency features
Greater than 95% efficiency - GREEN UPS
CERTIFICATIONS
UPS Certifications
CE; Tested to GOST (Russia); Tested to SASO (Saudi Arabia)
UPS Certification details
EN62040-1, EN62040-2
WARRANTY
4 / 5


Similar Part No. - SMX750SLT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMX750SLT TRIPPLITE-SMX750SLT_15 Datasheet
496Kb / 5P
   SmartPro 230V 750VA 500W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
More results

Similar Description - SMX750SLT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
   SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
SMART750RM1U ETC2-SMART750RM1U Datasheet
486Kb / 6P
   SmartPro .75kVA 600W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 1U Rackmount, USB
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
SMART5000TEL3U ETC2-SMART5000TEL3U Datasheet
521Kb / 6P
   SmartPro 5kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, 3U Rack/Tower, USB
SMART1050SLT ETC2-SMART1050SLT Datasheet
518Kb / 7P
   SmartPro 1.05kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial 100/110/120V
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
SMART1500RM2U ETC2-SMART1500RM2U Datasheet
516Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower
SMART750RMXL2U ETC2-SMART750RMXL2U Datasheet
516Kb / 7P
   SmartPro .75kVA 600W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART750 ETC2-SMART750 Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive UPS, Tower USB 120V
SMX500RT1U ETC2-SMX500RT1U Datasheet
490Kb / 5P
   SmartPro .5kVA Line Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com