Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T721011 Datasheet(PDF) 1 Page - E-SWITCH

Part # T721011
Description  TERMINAL NUMBERS FOR REF ONLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T721011 Datasheet(HTML) 1 Page - E-SWITCH

  T721011 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
700SP7M1QEAP2GRYBLK
2:1
7/27/2011
T721011
C
BGL
1
1
PANEL MOUNTING
1
2
3
3
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3
1-2
(ON)=MOMENTARY
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 1A @ 250VAC
3A @ 125 VAC OR 28VDC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. ACUATION FORCE: 300 ± 100gf
9. TRAVEL: 1.0 ± 0.2mm
10. CONTACT RESISTANCE: 20 mOHM MAX.
TYPICAL @ 2-4 VDC
11. DIELECTRIC STRENGTH: 1,000 V RMS @ SEA LEVEL.
12. OPERATING TEMP.: -30°C to 85°C
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT.
5.00
[.197 in]
EPOXY SEAL
1.93
[.076 in]
.86
[.034 in]
2.03
[.080 in]
4.70
[.185 in]
.76
[.030 in]
3.12
[.123 in]
11.70
[.461 in]
o
6.86
[.270 in]
12.70
[.500 in]
7.20
[.283 in]
10.43
[.411 in]
( X )
12.70
[.500 in]
R.13
[.005 in]MAX
E-SWITCH LOGO ON
OPPOSITE SIDE
CAP COLOR: GRAY
C
20057
DRAWING UPDATE / CLEAN-UP
7/27/11
BGL
10.32
[.406 in]
15.70
[.618 in]
19.40
[.764 in]
FRAME COLOR: BLACK
PANEL THICKNESS
(X) DIM.
1.19 TO 2.30
15.70 TO 15.75
2.31 TO 3.18
15.75 TO 15.88
1
3
12
SPDT
CONTACT CONFIGURATION


Similar Part No. - T721011

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T721010 E-SWITCH-T721010 Datasheet
211Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T721012 E-SWITCH-T721012 Datasheet
184Kb / 1P
   ALL DIMENSION IN MM
T721013 E-SWITCH-T721013 Datasheet
185Kb / 1P
   ALL DIMENSION IN MM
T721014 E-SWITCH-T721014 Datasheet
75Kb / 1P
   ALL DIMENSION IN MM
T721016 E-SWITCH-T721016 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T721011

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST811050 E-SWITCH-ST811050 Datasheet
79Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T711019 E-SWITCH-T711019 Datasheet
202Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T711065 E-SWITCH-T711065 Datasheet
205Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T711083 E-SWITCH-T711083 Datasheet
130Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T711086 E-SWITCH-T711086 Datasheet
157Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T711900 E-SWITCH-T711900 Datasheet
219Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T750105 E-SWITCH-T750105 Datasheet
113Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
T811005 E-SWITCH-T811005 Datasheet
80Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
P010354 E-SWITCH-P010354 Datasheet
195Kb / 1P
   TERMINAL NUMBERS FOR REF. ONLY
P010367 E-SWITCH-P010367 Datasheet
180Kb / 1P
   TERMINAL NUMBERS FOR REF. ONLY
52-PV7F2T0SS3R5 E-SWITCH-52-PV7F2T0SS3R5 Datasheet
162Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com