Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F3345-320 Datasheet(PDF) 2 Page - Fox Electronics

Part # F3345-320
Description  5.0V, HCMOS, SMD Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F3345-320 Datasheet(HTML) 2 Page - Fox Electronics

  F3345-320 Datasheet HTML 1Page - Fox Electronics F3345-320 Datasheet HTML 2Page - Fox Electronics F3345-320 Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
5.0V, HCMoS, SMD oscillator
Rev. 1/29/2014
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F3345 SERIES
Page 2 of 2
• TAPE SPECIFICATIonS (millimeters)
MoDEL
F3345 Series
A
1.5
b
4.0
C
8.0
D
7.5
E
16.0
F
2.15
STD Reel QTY
2,000
• REEL SPECIFICATIonS (millimeters)
G
2.0
H
13
I
21
J
80
K
255
L
17.5
M
2.0
MoDEL
F3345 Series


Similar Part No. - F3345-320

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F3345-200 FOX-F3345-200 Datasheet
404Kb / 2P
   5.0V, HCMOS, SMD Oscillator
More results

Similar Description - F3345-320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F3345 ETC2-F3345 Datasheet
107Kb / 1P
   5.0V HCMOS SMD OSCILLATOR
logo
Fox Electronics
F3345 FOX-F3345 Datasheet
204Kb / 2P
   5.0V, HCMOS, SMD Oscillator
F3345-200 FOX-F3345-200 Datasheet
404Kb / 2P
   5.0V, HCMOS, SMD Oscillator
092-80-15 FOX-092-80-15 Datasheet
404Kb / 2P
   5.0V, HCMOS, SMD Oscillator
F550H FOX-F550H Datasheet
165Kb / 2P
   HCMOS 5x3.2mm 5.0V SMD Oscillator
F550L FOX-F550L Datasheet
165Kb / 2P
   HCMOS 5x3.2mm 5.0V SMD Oscillator
KFO FOX-KFO Datasheet
249Kb / 1P
   5.0V PLASTIC HCMOS/TTL SMD OSCILLATOR
F4101 FOX-F4101 Datasheet
114Kb / 1P
   5.0V HCMOS SMD OSCILLATOR WITH STANDBY
121-6-1 FOX-121-6-1 Datasheet
198Kb / 2P
   5.0V, HCMOS SMD Oscillator with Standby
FSOLF FOX-FSOLF Datasheet
157Kb / 1P
   5.0V/3.0V Plastic HCMOS/TTL Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com