Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMART1500RM2U Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. SMART1500RM2U
Description  SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

SMART1500RM2U Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Green & high efficiency features
Greater than 95% efficiency - GREEN UPS; Individually controllable load banks
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI)
WARRANTY
Product Warranty Period (Worldwide)
2-year warranty, 3 year with registration. Note: Registration is required for 3-year warranty.
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$250,000 Ultimate Lifetime Insurance
Related Items
Optional Products
Model Number
Description
Qty.
WEXT5-500-1500
5-Year Extended Warranty - For Smart Line-Interactive and Online Tower or Rack models, 1500VA
or less
1
SNMPWEBCARD
For remote monitoring and control via SNMP, Web, or Telnet.
1
ENVIROSENSE
Monitors temperature, humidity and contact-closure inputs. (Requires SNMPWEBCARD or switched
PDU.)
1
MODBUSCARD
For remote monitoring and control via MODBUS protocol
1
WATCHDOGSW
WatchDog Service Monitoring / Reboot Software
1
2-9USTAND
Enables Tower Placement of Rackmount UPS Systems
1
UPSHDEARKIT
Heavy-Duty 2-post Front Mounting Ear Kit
1
2POSTRMKITWM
Enables 2-Post Rackmount or Wallmount Installation of Select Rackmount UPS Systems
1
RBC93-2U
2U UPS Replacement Battery Cartridge for select Tripp Lite SmartPro UPS
1
PDUB15
Dual source Power Distribution Unit / PDU with Manual Transfer Switch enables Hot-swappable
UPS Replacement in Critical Network Applications
1
PDU1215
Basic PDU / Power Distribution Unit - Safe, reliable power distribution for critical networking
equipment
1
PDUNV
Basic PDU / Power Distribution Unit - Safe, reliable power distribution for critical networking
equipment
1
PDUV15
Safe, reliable power distribution for critical networking equipment
1
PDUMH15AT
Metered PDU with ATS - Power Distribution Unit with dual-input Auto Transfer Switching
1
PDUMH15
Metered PDU / Power Distribution Unit - Safe, reliable power distribution with digital current meter
1
PDUMV15
Metered PDU / Power Distribution Unit - Safe, reliable power distribution with digital current meter
1
PDUMNH15
Monitored PDU / Power Distribution Unit supports real-time remote monitoring of load level, voltage
and frequency with options for remote environmental and security monitoring
1
PDUMNV15
Monitored PDU / Power Distribution Unit supports real-time remote monitoring of load level, voltage
and frequency with options for remote environmental and security monitoring
1
5 / 6


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn