Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMART1500RM2U Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. SMART1500RM2U
Description  SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

SMART1500RM2U Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Full load runtime (minutes)
4.5 min. (1350w)
Half load runtime (minutes)
13 min. (675w)
DC system voltage (VDC)
36
Battery recharge rate (included
batteries)
Less than 4.5 hours from 10% to 90%
Replacement battery cartridge
(internal UPS battery replacement)
RBC93-2U
Battery Access
Front panel battery access door
Battery replacement description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage regulation description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 83 to 147
Overvoltage correction
Input voltages between 128 and 147 are reduced by 12%
Undervoltage correction
Input voltages between 83 and 107 are boosted by 14%
LEDS ALARMS & SWITCHES
Front panel LCD display
Front panel LCD information and configuration screen offers detailed UPS and site power status and operating
data, plus configuration of voltage, operating mode, alarm function and a variety of additional options (see manual
for detailed LCD configuration and monitoring options)
Alarms
Audible alarm indicates UPS startup, power-failure, low-battery, overload, UPS fault and remote shutdown conditions
Alarm cancel operation
Power-fail alarm can be temporarily silenced using alarm-cancel switch; silent mode alarm configuration option
available
Switches
3 pushbutton switches control OFF / ON power status, MODE selection and MUTE / ENTER control functions
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
570
UPS AC suppression response time
Instantaneous
EMI / RFI AC noise suppression
Yes
PHYSICAL
Installation form factors supported
with included accessories
4 post 19 inch rackmount
Installation form factors supported
with optional accessories
2 post rackmount (2POSTRMKITWM); Wallmount (2POSTRMKITWM); Tower (2-9USTAND)
Primary form factor
Rackmount
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
3.5 x 17.5 x 13.45
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
8.9 x 44.4 x 34.2
Rack Height
2U
3 / 6


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn