Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMART1500RM2U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. SMART1500RM2U
Description  SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

SMART1500RM2U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SmartPro 1.5kVA 1350W Line Interactive Sine Wave
UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD,
USB, RS232, EPO, 120V
MODEL NUMBER: SMART1500RM2U
Description
Tripp Lite SmartPro Line Interactive UPS with enhanced LCD interface offers network-grade power protection for
critical server, network and telecommunications equipment. Line Interactive Uninterruptible Power Supply (UPS)
with built-in Auto-Voltage Regulation (AVR) actively corrects brownouts and overvoltages back to usable levels
while maintaining a full battery charge in case of power failure. Interactive LCD interface reports UPS operating
mode, detailed UPS and site-power data, plus enables a variety of UPS setup and configuration options. Super-fast switchover from line to battery power
occurs within milliseconds to maintain operation of connected equipment without interruption or reboot. 95% line-mode efficiency offers reduced heat
emissions and operating costs. Network management interfaces support communications via USB, RS-232 and optional SNMPWEBCARD network interface.
HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X. Network
communications ports enable detailed monitoring of equipment load levels, self-test data and utility power conditions. Includes PowerAlert monitoring software
and complete cabling. Switched output load banks enable scheduled and real-time remote reboot and load shedding of select outlets. Emergency Power Off
(EPO) interface. LCD display panel easily rotates for viewing in rackmount or tower configurations. Audible alarm with push-button momentary alarm-cancel
and silent-mode configuration options. Programmable self-test. Field-replaceable, hot-swappable battery modules.
Features
Tripp Lite SMART1500RM2U line interactive 2U rack/tower UPS with 1500VA / 1.5kVA / 1350W capacity
Line interactive UPS with Automatic Voltage Regulation (AVR) corrects brownouts and overvoltages from 83 to 147V
NEMA 5-15P input plug; 6 NEMA 5-15R output receptacles, Two independently switchable output load banks
Maintains uninterrupted operation of connected networking equipment during blackouts, surges, brownouts and overvoltages
High 95% efficiency rating in line-power mode offers reduced power consumption and BTU emissions
Internal batteries offer 13 minutes at 50% load (675W) and 4.5 minutes at 100% load (1350W)
Hot-swappable, user-replaceable internal batteries can be replaced with no disruption to connected equipment
Front panel LCD monitoring screen with MODE and ENTER buttons reports operating mode with 5-bar battery charge graphic, plus 7 selectable screens
of detailed UPS and site power information
LCD interface also supports a number of advanced user setup and operating preferences
Highlights
1500VA / 1.5kVA / 1350W line
interactive 2U rack/tower UPS,
Sine Wave
120V output, Corrects brownouts
and overvoltages from 83V to
147V
0.9 Power Factor, Interactive
LCD interface
4 post compatible mounting
accessories
95% line-mode efficiency, 2
switched load banks
USB, RS232, EPO and slot for
SNMPWEBCARD option
120V NEMA 5-15P input, 8
NEMA 5-15R outlets
Package Includes
SMART1500RM2U UPS System
PowerAlert Software with USB,
Serial & EPO Cabling
4-Post Rackmount Installation Kit
Instruction Manual
1 / 6


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn