Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNI650LCD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OMNI650LCD
Description  Omni LCD 650VA Tower Line-Interactive 120V UPS with LCD display and USB port
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OMNI650LCD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OMNI650LCD Datasheet HTML 1Page - List of Unclassifed Manufacturers OMNI650LCD Datasheet HTML 2Page - List of Unclassifed Manufacturers OMNI650LCD Datasheet HTML 3Page - List of Unclassifed Manufacturers OMNI650LCD Datasheet HTML 4Page - List of Unclassifed Manufacturers OMNI650LCD Datasheet HTML 5Page - List of Unclassifed Manufacturers OMNI650LCD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UPS Shipping dimensions (height x
width x depth / inches)
10.4 x 15.6 x 4.8
UPS Shipping dimensions (height x
width x depth / cm)
26.5 x 39.5 x 12.3
Shipping weight (lbs)
15.8
Shipping weight (kg)
7.2
Cooling method
Convection
UPS housing material
ABS
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
36.8
Battery mode BTU / hr. (full load)
396.7
AC mode efficiency rating (100%
load)
97%
COMMUNICATIONS
Communications interface
USB (HID enabled)
PowerAlert software
Free download from www.tripplite.com
Communications cable
User supplies USB cable
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer time
4 milliseconds
Low voltage transfer to battery
power (setpoint)
89
High voltage transfer to battery
power (setpoint)
139
SPECIAL FEATURES
Cold Start (startup in battery mode
during a power failure)
Cold-start operation supported
Green & high efficiency features
Greater than 95% efficiency - GREEN UPS
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI)
WARRANTY
4 / 5


Similar Part No. - OMNI650LCD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNI650LCD TRIPPLITE-OMNI650LCD Datasheet
503Kb / 5P
   Omni LCD 650VA Tower Line-Interactive 120V UPS
OMNI650LCD TRIPPLITE-OMNI650LCD_15 Datasheet
503Kb / 5P
   OmniSmart LCD 120V 650VA 350W Line-Interactive UPS, Tower, LCD display, USB port
More results

Similar Description - OMNI650LCD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
OMNI650LCD TRIPPLITE-OMNI650LCD Datasheet
503Kb / 5P
   Omni LCD 650VA Tower Line-Interactive 120V UPS
logo
List of Unclassifed Man...
OMNI900LCD ETC2-OMNI900LCD Datasheet
507Kb / 6P
   Omni LCD 900VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
OMNI650LCD TRIPPLITE-OMNI650LCD_15 Datasheet
503Kb / 5P
   OmniSmart LCD 120V 650VA 350W Line-Interactive UPS, Tower, LCD display, USB port
logo
List of Unclassifed Man...
SMART1000LCD ETC2-SMART1000LCD Datasheet
510Kb / 6P
   Smart LCD 1000VA Tower Line-Interactive 120V UPS with LCD display and USB port
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
OMNI700LCD TRIPPLITE-OMNI700LCD Datasheet
527Kb / 5P
   Omni LCD 700VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNI900LCD TRUMPOWER-OMNI900LCD Datasheet
499Kb / 5P
   Omni LCD 900VA Tower Line-Interactive 120V UPS
logo
Tripp Lite. All Rights ...
OMNI700LCD TRIPPLITE-OMNI700LCD_15 Datasheet
527Kb / 5P
   OmniSmart LCD 120V 700VA 420W Line-Interactive UPS, Tower, LCD display, USB port
OMNI900LCD TRIPPLITE-OMNI900LCD_15 Datasheet
506Kb / 5P
   OmniSmart LCD 120V 900VA 475W Line-Interactive UPS, Tower, LCD display, USB port
SMART1300LCDT TRIPPLITE-SMART1300LCDT Datasheet
549Kb / 5P
   SmartPro LCD 120V 1300VA 720W Line-Interactive UPS, Tower, LCD Display, USB
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com