Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPL-0.3N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OPL-0.3N
Description  PM Magnetic Particle Torque Limiter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPL-0.3N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OPL-0.3N Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ PM: Permanent Magnet ]
d+0/-0.03
A
┌────────────────
[ Special Order ]────────────────┐
0.6N
0.02~0.04
0.53~1.06
0.35~0.53
250
8
PM Magnetic Particle Torque Limiter
Types: 0.3, 0.6, 1.2, 1.8
0.3N
300
0.27 / 0.03
0.17~0.35
1.2N
1.1 / 0.12
300
1.8N
Shaft [mm]
20
1.6 / 0.18
1.06~1.60
0.12~0.18
200
8
20
8
20
0.06~0.12
20
OPL
Static Torque [in-lbs / N-m]
Optional Torque Range [in-lbs]
Max Slip Speed [rpm]
Optional Torque Range [N-m]
0.04~0.06
0.53 / 0.06
8
OPL-N
A
B
L
M
P
Q
R
[ 1" = 25.4mm ]
[* Note 1: Length or shaft can be modified. Flat or special ring groove can also be added. ]
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd
info@ogura-clutch com
50
180
50
0.23 / 0.10
2.4
15
2.4
2.4
2.5
0.19 / 0.09
0.21 / 0.10
2.5
2.5
Weight [lbs / kg]
0.19 / 0.09
Dimensions
[mm]
20
180
2.4
2.5
20
50
34
15
50
20
180
15
20
27
180
20
15
20
OPL-N
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271 - 7361
OPL-N


Similar Part No. - OPL-0.3N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPL-0.3R ETC-OPL-0.3R Datasheet
91Kb / 1P
   PM Magnetic Particle Torque Limiter
More results

Similar Description - OPL-0.3N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPL-BR ETC-OPL-BR Datasheet
78Kb / 1P
   PM Magnetic Particle Torque Limiter
OPL-BN ETC-OPL-BN Datasheet
79Kb / 1P
   PM Magnetic Particle Torque Limiter
OPL-R ETC-OPL-R Datasheet
91Kb / 1P
   PM Magnetic Particle Torque Limiter
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
   PM Hysteresis Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
OPC ETC-OPC Datasheet
110Kb / 1P
   EM Magnetic Particle Clutch
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
   PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
   PM Hysteresis Torque Controller
OPB-N ETC-OPB-N Datasheet
99Kb / 1P
   EM Magnetic Particle Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com