Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OPC
Description  EM Magnetic Particle Clutch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OPC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
0.58
12
41
14
15
18 / 2
18
24
18
11
Voltage [DC-V]
Current [A]
Resistance [Ω]
0.48
Wattage [W]
EM Magnetic Particle Clutch
Types: 5, 10, 20
0.75
32
5
4.4 / 0.5
50
10
8.9 / 1
20
OPC
Rated Torque [in-lbs / N-m]
Coil
(20°C)
Time Constant [ms]
OPC
Input
Output
dh7
t
A1h8
A2
B
Ch7
E
F
G
H
L
M
N
P
Q
R
S
T
U
Y
[ 1" = 25.4mm ]
69
11.5
512
15
50
54
4.5
0.18
25
1800
15
1800
0.153
0.838
0.07
0.35
45
1800
18
0.258
83
66
34
4.5
3xM4
116
4xM4
1.8 / 0.8
10
12.2
47
4
8.5
2.9 / 1.3
20
24
6
69
92
54
46
82
25
4.5
22
11
0.089
4
11
0.014
5
76
54
13
33
5
0.018
7
6.5
18
15.5
27
42
15
Max Slip Wattage [W]
Weight [lbs / kg]
Dimensions
[mm]
Shaft [mm]
Moment of Inertia (J)
[kg-cm²]
Max Allowable Speed [rpm]
Drag Torque (reference) [in-lbs]
Time Constant [ms]
4
60
77
30
25
50
70
3xM4
4.5
40
9
1.5 / 0.7
8.5
13.5
25.5
10.5
OPC
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
OPC


Similar Part No. - OPC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
OPC ADVANTECH-OPC Datasheet
170Kb / 1P
   OPC Server for ADAM & Modbus Devices
5-May-2015
logo
List of Unclassifed Man...
OPC-40 ETC-OPC-40 Datasheet
113Kb / 1P
   EM Magnetic Particle Clutch
OPC-40A ETC-OPC-40A Datasheet
113Kb / 1P
   EM Magnetic Particle Clutch
OPC-40N ETC-OPC-40N Datasheet
113Kb / 1P
   EM Magnetic Particle Clutch
OPC-457 ETC-OPC-457 Datasheet
545Kb / 36P
   VHF MARINE TRANSCEIVER
More results

Similar Description - OPC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPC-40 ETC-OPC-40 Datasheet
113Kb / 1P
   EM Magnetic Particle Clutch
PC ETC-PC Datasheet
69Kb / 1P
   EM Magnetic Particle Clutch
OPB-N ETC-OPB-N Datasheet
99Kb / 1P
   EM Magnetic Particle Brake
PB ETC-PB Datasheet
83Kb / 1P
   EM Magnetic Particle Brake
OPB-120N ETC-OPB-120N Datasheet
100Kb / 1P
   EM Magnetic Particle Brake
MMC ETC-MMC Datasheet
248Kb / 1P
   EM Clutch
VCE ETC2-VCE Datasheet
310Kb / 8P
   EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
   EM Clutch
AMC ETC-AMC Datasheet
104Kb / 1P
   Micro EM Clutch
MIC ETC-MIC Datasheet
188Kb / 2P
   Micro EM Clutch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com