Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB-5N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OPB-5N
Description  EM Magnetic Particle Brake
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPB-5N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OPB-5N Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
5N
10N
20N
40N
80N
4.4 / 0.5
8.9 / 1
18 / 2
35 / 4
71 / 8
0.27
0.37
0.37
0.37
0.37
90
65
65
65
65
EM Magnetic Particle Brake
Types: 5, 10, 20, 40, 80
24
OPB
Rated Torque [in-lbs / N-m]
Coil
Voltage [DC-V]
Current [A]
Resistance [Ω]
OPB-N
90
65
65
65
65
6.4
9999
17
27
23
50
74
0.089
0.18
0.35
0.71
1.4
25
35
50
60
80
1800
1800
1800
1800
1800
0.025
0.055
0.358
0.94
3.53
dg7
6
7
10
12
15
t
5.5
6.5
9
10
13
A
65
75
92
112
128
B
46566986
100
Ch9
43
54
69
86
98
D
56
66
82
100
114
E
4.5
4.5
4.5
5.5
6.5
L
5661
71.5
7995
M
27.5
33343642
N
25.5
25.8
35
40
50
P
34456
Q
2.5
3356
R
22.3
22313443
S
1212202020
0.88 / 0.40
1.5 / 0.7
2.2 / 1.0
4.0 / 1.8
6.6 / 3.0
[ 1" = 25.4mm ]
Weight [lbs / kg]
Moment of Inertia (J) [kg-cm²]
Dimensions
[mm]
Wattage [W]
Time Constant [ms]
Shaft [mm]
(20°C)
Drag Torque (reference) [in-lbs]
Max Slip Wattage [W]
Max Allowable Speed [rpm]
Resistance [Ω]
OPB-N
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
OPB-N


Similar Part No. - OPB-5N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB-120F ETC-OPB-120F Datasheet
100Kb / 1P
   EM Magnetic Particle Brake
OPB-120N ETC-OPB-120N Datasheet
100Kb / 1P
   EM Magnetic Particle Brake
OPB-250F ETC-OPB-250F Datasheet
100Kb / 1P
   EM Magnetic Particle Brake
OPB-250N ETC-OPB-250N Datasheet
100Kb / 1P
   EM Magnetic Particle Brake
More results

Similar Description - OPB-5N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PB ETC-PB Datasheet
83Kb / 1P
   EM Magnetic Particle Brake
OPB-120N ETC-OPB-120N Datasheet
100Kb / 1P
   EM Magnetic Particle Brake
OPC ETC-OPC Datasheet
110Kb / 1P
   EM Magnetic Particle Clutch
PC ETC-PC Datasheet
69Kb / 1P
   EM Magnetic Particle Clutch
OPC-40 ETC-OPC-40 Datasheet
113Kb / 1P
   EM Magnetic Particle Clutch
TMB ETC-TMB Datasheet
136Kb / 1P
   EM Brake
VBE ETC2-VBE Datasheet
107Kb / 1P
   EM Brake
AMB ETC-AMB Datasheet
98Kb / 1P
   Micro EM Brake
HB ETC-HB Datasheet
99Kb / 1P
   EM Hysteresis Brake
RNB-0.2G ETC-RNB-0.2G Datasheet
155Kb / 1P
   EM Spring-Applied Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com