Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM312LV Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SM312LV
Description  MINI-BEAM dc-Voltage Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM312LV Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SM312LV Datasheet HTML 1Page - List of Unclassifed Manufacturers SM312LV Datasheet HTML 2Page - List of Unclassifed Manufacturers SM312LV Datasheet HTML 3Page - List of Unclassifed Manufacturers SM312LV Datasheet HTML 4Page - List of Unclassifed Manufacturers SM312LV Datasheet HTML 5Page - List of Unclassifed Manufacturers SM312LV Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Diffuse Mode Alignment
Object
If the Alignment LED does not go OFF when the object is removed from the beam,
the sensor is probably detecting light reflected from some background object. To
remedy this problem:
• Reduce the reflectivity of the background by painting the surface(s) flat-black,
scuffing any shiny surface, or drilling a large hole, directly opposite the diffuse
sensor.
• Move the sensor closer to the object to be detected and reduce the Gain ad-
justment. Rule of thumb for diffuse sensing: The distance to the nearest back-
ground object should be at least three times the sensing distance.
Note:
• Light condition: sensor output is ON when there is no object in beam
• Dark condition: sensor output is ON when there is an object in beam
Retroreflective Mode Alignment
Retro
Target
A highly reflective object may reflect enough light back to a retroreflective sensor to
allow that object to slip through the beam, without being detected. This problem is
called “proxing,” and the following methods may be used to correct it:
• Position the sensor and retro target so the beam will not strike a shiny surface
perpendicular to the sensor lens.
• Reduce the Gain adjustment.
• Add a polarizing filter (for model SM312LV).
Note:
• Light condition: sensor output is ON when there is no object in beam
• Dark condition: sensor output is ON when there is an object in beam
Convergent Mode Alignment
Object
Low
Reflectivity
Background
The sensing energy of a convergent mode sensor is concentrated at the specified
focus point. Convergent mode sensors are less sensitive to background reflections,
compared with diffuse mode sensors. However, if background reflections are a
problem:
• Skew the sensor position at a 10° to 25° angle to eliminate direct reflections
from shiny background surfaces.
• Reduce the reflectivity of the background by painting the surface(s) flat-black,
scuffing any shiny surface, or drilling a large hole, directly opposite the sensor.
• Reduce the Gain adjustment.
Note:
• Light condition: sensor output is ON when there is no object in beam
• Dark condition: sensor output is ON when there is an object in beam
MINI-BEAM dc-Voltage Series
4
www.bannerengineering.com - tel: 763-544-3164
P/N 69943 rev. C


Similar Part No. - SM312LV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM312LV ETC2-SM312LV Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312LV ETC2-SM312LV Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312LV ETC2-SM312LV Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
logo
Banner Engineering Corp...
SM312LV BANNER-SM312LV Datasheet
582Kb / 10P
   DC Voltage Series
logo
List of Unclassifed Man...
SM312LVAG ETC2-SM312LVAG Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
More results

Similar Description - SM312LV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM312CV ETC2-SM312CV Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312WQD ETC2-SM312WQD Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM312CV-V01 ETC-SM312CV-V01 Datasheet
1Mb / 14P
   MINI-BEAM® DC Voltage Series Sensor
logo
Banner Engineering Corp...
SME312 BANNER-SME312 Datasheet
1Mb / 13P
   MINI-BEAM SME312 Expert Series
logo
Ledil, Inc.
C13253 LEDIL-C13253_18 Datasheet
5Mb / 11P
   Mini reflector with ~60째 wide beam
CA13636 LEDIL-CA13636 Datasheet
3Mb / 7P
   Mini reflector with ~72째 wide beam.
logo
Premier Magnetics, Inc.
S3AS050520 PMI-S3AS050520 Datasheet
67Kb / 7P
   MINI DC/DC CONVERTERS
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
OSRAM GmbH
SFH-4451 OSRAM-SFH-4451 Datasheet
728Kb / 13P
   Narrow beam LED in Mini MIDLED package
logo
List of Unclassifed Man...
DL50 ETC2-DL50 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com