Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4030 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SI4030
Description  Si4030/31/32 ISM TRANSMITTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI4030 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SI4030 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI4030 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4030 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4030 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4030 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4030 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4030 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4030 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI4030 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Si4030/31/32-B1
8
Rev 1.1
Table 2. Synthesizer AC Electrical Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Synthesizer Frequency
Range—Si4031/32
FSYN
240
930
MHz
Synthesizer Frequency
Range—Si4030
FSYN
900
960
MHz
Synthesizer Frequency
Resolution2
FRES-LB
Low Band, 240–480 MHz
156.25
Hz
FRES-HB
High Band, 480–960 MHz
312.5
Hz
Reference Frequency
Input Level2
fREF_LV
When using external reference signal
driving XOUT pin, instead of using
crystal. Measured peak-to-peak (VPP)
0.7
1.6
V
Synthesizer Settling Time2
tLOCK
Measured from exiting Ready mode with
XOSC running to any frequency.
Including VCO calibration.
—200
µs
Residual FM2
FRMS
Integrated over
250 kHz bandwidth
(500 Hz lower bound of integration)
—2
4
kHzRMS
Phase Noise2
L
(fM)
F = 10 kHz
–80
dBc/Hz
F = 100 kHz
–90
dBc/Hz
F = 1 MHz
–115
dBc/Hz
F = 10 MHz
–130
dBc/Hz
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section on page 13.
2.
Guaranteed by qualification. Qualification test conditions are listed in the "Production Test Conditions" section on
page 13.


Similar Part No. - SI4030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4030 ETC2-SI4030 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4030 ETC2-SI4030 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4030 SILABS-SI4030 Datasheet
1Mb / 58P
   Remote control
More results

Similar Description - SI4030

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4430-B1 SILABS-SI4430-B1 Datasheet
804Kb / 74P
   Si4430/31/32 ISM TRANSCEIVER
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
RFM67W HOPE-RFM67W Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
logo
List of Unclassifed Man...
RFM67W-315S2 ETC2-RFM67W-315S2 Datasheet
634Kb / 37P
   ISM TRANSMITTER MODULE
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
logo
ams AG
AS3902 AMSCO-AS3902 Datasheet
348Kb / 14P
   ISM 433 MHz ASK Transmitter
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com