Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNDP-38V-Z Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PNDP-38V-Z
Description  2.0mm pitch/Disconnectable Crimp style connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PNDP-38V-Z Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PNDP-38V-Z Datasheet HTML 1Page - List of Unclassifed Manufacturers PNDP-38V-Z Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PND CONNECTOR
2
A
B
5
11.7
Circuits
Model No.
Dimensions (mm)
AB
Material
Q'ty / bag
PA 66, UL94V - 0, ivory
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
PNDP-08V-Z
PNDP-10V-Z
PNDP-12V-Z
PNDP-14V-Z
PNDP-16V-Z
PNDP-18V-Z
PNDP-20V-Z
PNDP-22V-Z
PNDP-24V-Z
PNDP-26V-Z
PNDP-28V-Z
PNDP-30V-Z
PNDP-32V-Z
PNDP-34V-Z
PNDP-36V-Z
PNDP-38V-Z
PNDP-40V-Z
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
500
500
500
500
300
300
300
300
250
250
250
150
150
150
100
100
100
A
1.55
5
1.45
□0.5
2
B
10.7
Circuits
Model No.
Dimensions (mm)
AB
Material and Finish
With boss
Without boss
Q'ty / box
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, ivory
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
B08B-PNDZS-1
B10B-PNDZS-1
B12B-PNDZS-1
B14B-PNDZS-1
B16B-PNDZS-1
B18B-PNDZS-1
B20B-PNDZS-1
B22B-PNDZS-1
B24B-PNDZS-1
B26B-PNDZS-1
B28B-PNDZS-1
B30B-PNDZS-1
B32B-PNDZS-1
B34B-PNDZS-1
B36B-PNDZS-1
B38B-PNDZS-1
B40B-PNDZS-1
B08B-PNDZS
B10B-PNDZS
B12B-PNDZS
B14B-PNDZS
B16B-PNDZS
B18B-PNDZS
B20B-PNDZS
B22B-PNDZS
B24B-PNDZS
B26B-PNDZS
B28B-PNDZS
B30B-PNDZS
B32B-PNDZS
B34B-PNDZS
B36B-PNDZS
B38B-PNDZS
B40B-PNDZS
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
736
608
512
448
416
352
320
288
288
256
224
224
192
192
192
160
160
Circuits
Model No.
Material
Q'ty / bag
Glass-filled PA 66, UL94V-0, ivory
24
34
PNDS-24V-Z
PNDS-34V-Z
1,000
1,000
7
2.9
2.35
7.5
2
1.5
RoHS compliance
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PNDP-28V-Z-
Z…ivory K…black R…red E…blue M…green N…brown
PK…pink D…orange
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B28B-PNDZS-1-
Z…ivory K…black R…red E…blue M…green
N…brown PK…pink D…orange
24 circuits
34 circuits
2
Housing
Shrouded header
Retainer


Similar Part No. - PNDP-38V-Z

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PND05A12 SENSORTECHNICS-PND05A12 Datasheet
63Kb / 3P
   Switching solenoid dump valve
PND05A3 SENSORTECHNICS-PND05A3 Datasheet
63Kb / 3P
   Switching solenoid dump valve
PND05A6 SENSORTECHNICS-PND05A6 Datasheet
63Kb / 3P
   Switching solenoid dump valve
PND05D12 SENSORTECHNICS-PND05D12 Datasheet
63Kb / 3P
   Switching solenoid dump valve
PND05D3 SENSORTECHNICS-PND05D3 Datasheet
63Kb / 3P
   Switching solenoid dump valve
More results

Similar Description - PNDP-38V-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B04B-PNISK-1ALFSN ETC2-B04B-PNISK-1ALFSN Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
S16B-PUDSS-1 ETC2-S16B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B2B-PH-K-SLFSN ETC2-B2B-PH-K-SLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com