Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKM4510EPI Datasheet(PDF) 10 Page - Ericsson

Part # PKM4510EPI
Description  36-75 Vdc DC/DC converter Output up to 20 A/50 W
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKM4510EPI Datasheet(HTML) 10 Page - Ericsson

Back Button PKM4510EPI Datasheet HTML 6Page - Ericsson PKM4510EPI Datasheet HTML 7Page - Ericsson PKM4510EPI Datasheet HTML 8Page - Ericsson PKM4510EPI Datasheet HTML 9Page - Ericsson PKM4510EPI Datasheet HTML 10Page - Ericsson PKM4510EPI Datasheet HTML 11Page - Ericsson PKM4510EPI Datasheet HTML 12Page - Ericsson PKM4510EPI Datasheet HTML 13Page - Ericsson PKM4510EPI Datasheet HTML 14Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
EN/LZT 146 051 R7A © Ericsson Power Modules, February 2007
PKM 4000E PI Datasheet
PKM 1LE PI Typical Characteristics
Output Ripple
Transient
Output voltage ripple (5mV/div.) at TPcb=+25 °C, Vin=53 V,
Io=20A resistive load with C=10 µF tantalum and 0 .1 µF
ceramic capacitors . Band width=20MHz . Time scale: 2µs / div.
Output voltage response to load current step-change
(5-15-5 A) at TPcb=+25 °C, Vin=53 V. Top trace:
load current (5 A/div.) . Bottom trace: output voltage
(100mV/div.) Time scale: 0 .1 ms/div.
Output Voltage Adjust (see operating information)
Start-Up
Turn-Off
Start-up at Io=20A resistive load at TPcb=+25 °C,
Vin=53 V. Start enabled by connecting Vin . Top trace:
input voltage (20 V/div.) . Bottom trace: output voltage
(0 .5 V/div.) . Time scale: 5 ms/div.
Turn-off at Io=20A resistive load at TPcb=+25 °C,
Vin=53 V. Turn-off enabled by disconnecting Vin . Top
trace: input voltage (20mV/div.) . Bottom trace: Output
voltage (0 .5 V/div.) . Time scale: 500 µs/div.
The resistor value for an adjusted output voltage is
calculated by using the following equations:
Output Voltage Adjust Upwards, Increase:
Eg Increase 4% =>Vout = 1 .248 Vdc
8.85x(100+Δ%)x9.1x1.2
21.1x Δ%x1.225
- 5.11 kOhm
Radj =
8.85x(100+4)x9.1x1.2
21.1x 4x1.225
- 5.11 kOhm
Radj =
= 92 kOhm
1 1
12 9.1
+
100
100- %
Δ
-1
1
- 5.11 kOhm
Radj =
1 1
12 9.1
+
100
100-4 -1
1
- 5.11 kOhm
Radj =
= 119.1 kOhm
Output Voltage Adjust Downwards, Decrease:
Eg Decrease 4% =>Vout = 1 .152 Vdc


Similar Part No. - PKM4510EPI

ManufacturerPart #DatasheetDescription
logo
StarHope
PKM430AB SPSEMI-PKM430AB Datasheet
257Kb / 2P
   Glass passiated junction
PKM430CB SPSEMI-PKM430CB Datasheet
257Kb / 2P
   Glass passiated junction
logo
Murata Manufacturing Co...
PKM44EWH1001C MURATA-PKM44EWH1001C Datasheet
1Mb / 35P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
More results

Similar Description - PKM4510EPI

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
logo
Ericsson
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
   DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Wall Industries,Inc.
LANC4815DW8 WALL-LANC4815DW8 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹15 VDC Output at 짹0.267A
LANC4815W12 WALL-LANC4815W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 15 VDC Output at 0.8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com