Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3012-06UTG Datasheet(PDF) 2 Page - Littelfuse

Part # SP3012-06UTG
Description  Low Capacitance ESD Protection - SP3012 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP3012-06UTG Datasheet(HTML) 2 Page - Littelfuse

  SP3012-06UTG Datasheet HTML 1Page - Littelfuse SP3012-06UTG Datasheet HTML 2Page - Littelfuse SP3012-06UTG Datasheet HTML 3Page - Littelfuse SP3012-06UTG Datasheet HTML 4Page - Littelfuse SP3012-06UTG Datasheet HTML 5Page - Littelfuse SP3012-06UTG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/24/13
TVS Diode Arrays (SPA®Diodes)
Low Capacitance ESD Protection - SP3012 Series
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
PP
Peak Current (t
p=8/20μs)
4.0
A
T
OP
Operating Temperature
–40 to 125
°C
T
STOR
Storage Temperature
–55 to 150
°C
Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
I
R ≤ 1µA
5.0
V
Reverse Leakage Current
I
LEAK
V
R=5V, Any I/O to GND
1.5
µA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
6.6
V
I
PP=2A, tp=8/20µs, Fwd
7.0
V
Dynamic Resistance
R
DYN
(V
C2 - VC1) / (IPP2 - IPP1)
0.4
Ω
ESD Withstand Voltage1
V
ESD
IEC61000-4-2 (Contact)
±12
kV
IEC61000-4-2 (Air)
±25
kV
Diode Capacitance1
C
I/O-GND
Reverse Bias=0V, f=1 MHz
0.5
pF
Diode Capacitance1
C
I/O-/O
Reverse Bias=0V, f=1 MHz
0.3
pF
Note: 1 Parameter is guaranteed by design and/or device characterization.
Insertion Loss (S21) I/O to GND
Capacitance vs. Bias Voltage
Clamping Voltage vs. I
PP
Bias Voltage (V)
0.0
0.2
0.4
0.01.0
2.03.0
4.05.0
0.6
0.8
1.0
0.0
2.0
4.0
6.0
8.0
10.0
1234
Current (A)
-30
-18
-15
-12
-9
-3
0
-6
-21
-24
-27
100
1000
Frequency (MHz)
0
1
2
3
4
5
6
7
8
9
10
11
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TLP Voltage (V)
Transmission Line Pulsing(TLP) Plot


Similar Part No. - SP3012-06UTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3012-04UTG LITTELFUSE-SP3012-04UTG Datasheet
1Mb / 6P
   Low Capacitance ESD Protection - SP3012 Series
logo
Shanghai Leiditech Elec...
SP3012-04UTG LEIDITECH-SP3012-04UTG Datasheet
1Mb / 7P
   ULTRA LOW CAPACITANCE TV S DIODE ARRAY
Rev : 01.06.2017
More results

Similar Description - SP3012-06UTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3012-04UTG LITTELFUSE-SP3012-04UTG Datasheet
1Mb / 6P
   Low Capacitance ESD Protection - SP3012 Series
logo
Shanghai Yint Electroni...
ESDSLVU2.8-4 YINT-ESDSLVU2.8-4 Datasheet
842Kb / 4P
   Low Capacitance ESD Protection
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R Datasheet
166Kb / 3P
   Low Capacitance ESD Protection
STESD05CL SECOS-STESD05CL_15 Datasheet
412Kb / 3P
   Low Capacitance ESD Protection
KS05VL4 SECOS-KS05VL4_18 Datasheet
160Kb / 2P
   Low Capacitance ESD Protection
logo
Littelfuse
AQ3400 LITTELFUSE-AQ3400 Datasheet
1Mb / 5P
   Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
FM05VDB-10PF FUTUREWAFER-FM05VDB-10PF Datasheet
789Kb / 6P
   Low Capacitance ESD Protection
logo
Pan Jit International I...
PJEC5V0M1TM PANJIT-PJEC5V0M1TM Datasheet
260Kb / 6P
   Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
FESD3V3B FUTUREWAFER-FESD3V3B Datasheet
546Kb / 3P
   Low capacitance ESD protection
logo
SeCoS Halbleitertechnol...
ESDL05R SECOS-ESDL05R_15 Datasheet
166Kb / 3P
   Low Capacitance ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com