Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SX1025 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SX1025
Description  Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX1025 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SX1025 Datasheet HTML 1Page - Omron Electronics LLC EE-SX1025 Datasheet HTML 2Page - Omron Electronics LLC EE-SX1025 Datasheet HTML 3Page - Omron Electronics LLC EE-SX1025 Datasheet HTML 4Page - Omron Electronics LLC EE-SX1025 Datasheet HTML 5Page - Omron Electronics LLC EE-SX1025 Datasheet HTML 6Page - Omron Electronics LLC EE-SX1025 Datasheet HTML 7Page - Omron Electronics LLC EE-SX1025 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EE-SX198/199/1018/1025/1041/1042/1070/1071
EE-SX198/199/1018/1025/1041/1042/1070/1071
Specifications
 ABSOLUTE MAXIMUM RATINGS (TA =25°C(77°F))
Item
Symbol
Rated value
Emitter
Forward current
IF
50 mA*
Reverse voltage
VR
4V
Detector
Collector-emitter
voltage
VCEO
30 V
Collector current
IC
20 mA
Collector dissipation
PC
100 mW*
Ambient temperature
Operating
Topr
-25
°Cto85°C (-13°F to 185°F)**
Storage
Tstg
-30
°C to 100°C (-22°F to 212°F)
*Refer to Engineering Data if the ambient temperature is not within the normal room temperature range.
**The operating temperature of the EE-SX1041/1070 is -25
° to 95°C (-13
°F to 203°F).
 CHARACTERISTICS (TA =25°C(77°F))
Item
Symbol
EE-SX1018/1025/1041/1042/1070/
1071
EE-SX198/199
Value
Condition
Value
Condition
Emitter
Forward voltage
VF
1.2 V typ.
1.5 V max.
IF =30mA
1.2 V typ.
1.4 V max.
IF =20mA
Reverse current
IR
0.01
µAtyp.
10
µAmax.
VR =4V
0.01
µAtyp.
10
µAmax.
VR =4V
Peak emission wavelength
λp(L)
940 nm typ.
IF =20mA
940 nm typ.
IF =20mA
Detector
Dark current
ID
2nA typ.
200 nA max.
VCE =10V 0x
2nA typ.
200 nA max.
VCE =10V 0x
Peak spectral sensitivity
wavelength
λp(P)
850 nm typ.
VCE =10V
850 nm typ.
VCE =10V
Combination
Light current (collector
current)
IL
0.5 mA min.
14 mA max.
IF =20mA
VCE =10V
0.5 mA min.
14 mA max.
IF =20mA
VCE =5V
Collector-emitter saturated
voltage
VCE (sat)
0.1 V typ.
0.4 V max.
IF =20mA
IL =0.1 mA
0.1 V typ.
0.4 V max.
IF =40mA
IL =0.5 mA
Rising time (See Note.)
tr
4
µstyp.
VCC =5V
RL = 100 Ω
4
µstyp.
VCC =5V
RL = 100 Ω
Falling time (See Note.)
tf
4
µstyp.
RL = 100 Ω
IL =5mA
4
µstyp.
RL = 100 Ω
IL =5mA
Note: The following illustrations show the rising time, tr, and the falling time, tf.
Input
0
t
0
Output
t
Input
VCC
Output
RL
tr
90%
10%
tf
RF
VF
+
--


Similar Part No. - EE-SX1025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE-SX1025 ETC-EE-SX1025 Datasheet
261Kb / 2P
   Opto - Switch
logo
Omron Electronics LLC
EE-SX1025 OMRON-EE-SX1025 Datasheet
318Kb / 8P
   Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
More results

Similar Description - EE-SX1025

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EESX1025 OMRON-EESX1025 Datasheet
318Kb / 8P
   Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
logo
List of Unclassifed Man...
EE-SX1103 ETC-EE-SX1103 Datasheet
224Kb / 2P
   Photomicrosensor (Transmissive)
logo
Omron Electronics LLC
EE-SX1035 OMRON-EE-SX1035 Datasheet
645Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1096 OMRON-EE-SX1096 Datasheet
660Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX4235A-P2 OMRON-EE-SX4235A-P2 Datasheet
547Kb / 4P
   Photomicrosensor (Transmissive)
EE-SH3 OMRON-EE-SH3_1 Datasheet
263Kb / 4P
   Photomicrosensor (Transmissive)
EE-SJ3 OMRON-EE-SJ3 Datasheet
249Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1057 OMRON-EE-SX1057 Datasheet
230Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX3133 OMRON-EE-SX3133 Datasheet
95Kb / 4P
   Photo IC Output Photomicrosensor (Transmissive)
EE-SJ3-C OMRON-EE-SJ3-C Datasheet
430Kb / 3P
   Photomicrosensor (Transmissive)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com