Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU8000RT4U Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SU8000RT4U
Description  SmartOnline 8kVA On-Line Double-Conversion UPS, 4U Rack/Tower, 208/120V or 240/120V NEMA & Hardwire outputs, Split phase input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SU8000RT4U Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SU8000RT4U Datasheet HTML 1Page - List of Unclassifed Manufacturers SU8000RT4U Datasheet HTML 2Page - List of Unclassifed Manufacturers SU8000RT4U Datasheet HTML 3Page - List of Unclassifed Manufacturers SU8000RT4U Datasheet HTML 4Page - List of Unclassifed Manufacturers SU8000RT4U Datasheet HTML 5Page - List of Unclassifed Manufacturers SU8000RT4U Datasheet HTML 6Page - List of Unclassifed Manufacturers SU8000RT4U Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Alarms
Unique audible alarms for all major UPS, environmental and power conditions (see manual)
Alarm cancel operation
Alarm cancel switch
Switches
Includes main power off/on switch, plus 2 switches to set and execute scrollable LCD functions. A manual bypass
switch featured on the detachable PDU allows for complete removal of the UPS during routine maintenance without
disrupting output power
SURGE / NOISE SUPPRESSION
UPS AC suppression response time
Instantaneous
EMI / RFI AC noise suppression
Yes
AC suppression response time
Instantaneous
PHYSICAL
Installation form factors supported
with optional accessories
2 post rackmount (2POSTRMKITWM); Tower (2-9USTAND)
Primary form factor
Rackmount
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
7 x 17.5 x 32.6
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
17.8 x 44.4 x 82.7
Installed whole system maximum
rack depth (inches)
32.6
Installed whole system maximum
rack depth (cm)
82.7
Rack Height
4U
Secondary form factor
Tower (requires 2-9USTAND)
UPS / Power Module weight (lbs)
177
UPS / Power Module weight (kg)
80.4
UPS dimensions details
4U UPS with internal batteries
UPS Shipping dimensions (height x
width x depth / inches)
13 x 23 x 37
UPS Shipping dimensions (height x
width x depth / cm)
33 x 58.4 x 94
Shipping weight (lbs)
212
Shipping weight (kg)
96.2
Cooling method
Fans
UPS housing material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
4 / 6


Similar Part No. - SU8000RT4U

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU8000RT4U TRIPPLITE-SU8000RT4U_15 Datasheet
516Kb / 6P
   SmartOnline 240/208/120V 8kVA 5.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack-Tower, Split-Phase input, Bypass Switch
More results

Similar Description - SU8000RT4U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU6000RT4U ETC2-SU6000RT4U Datasheet
554Kb / 8P
   SmartOnline 6kVA On-Line Double-Conversion UPS, 4U Rack/Tower, 208/120V or 240/120V NEMA outlets, Split-phase input
SU10KRT3U ETC2-SU10KRT3U Datasheet
560Kb / 8P
   SmartOnline 10kVA On-Line Double-Conversion UPS, 9U Rack/Tower, 208/120V or 240/120V Hardwire output
SU6000RT3U ETC2-SU6000RT3U Datasheet
567Kb / 8P
   SmartOnline 6kVA On-Line Double-Conversion UPS, 9U Rack/Tower, 208/120V or 240/120V Hardwire output
SU8000RT3U1TF ETC2-SU8000RT3U1TF Datasheet
544Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V NEMA outlets
SU16000RT4UHW ETC2-SU16000RT4UHW Datasheet
551Kb / 7P
   SmartOnline 16kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V or 240/120V
SU16000RT4U ETC2-SU16000RT4U Datasheet
559Kb / 8P
   SmartOnline 16kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V or 240/120V
logo
Tripp Lite. All Rights ...
SU8000RT4U TRIPPLITE-SU8000RT4U_15 Datasheet
516Kb / 6P
   SmartOnline 240/208/120V 8kVA 5.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack-Tower, Split-Phase input, Bypass Switch
logo
List of Unclassifed Man...
SU5000RT3U ETC2-SU5000RT3U Datasheet
538Kb / 7P
   SmartOnline 5kVA On-Line Double-Conversion UPS, 7U Rack/Tower, 208/120V NEMA outlets
logo
Tripp Lite. All Rights ...
SU6000RT4U TRIPPLITE-SU6000RT4U_15 Datasheet
549Kb / 6P
   SmartOnline 208/120V or 240/120V 6kVA 4.2kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 4U Rack/Tower, Bypass Switch
SU5000RT4U TRIPPLITE-SU5000RT4U Datasheet
543Kb / 6P
   SmartOnline 208/120V or 240/120V 5kVA 3.8kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 4U Rack/Tower, Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com