Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

586-117111-6A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 586-117111-6A
Description  Water resistant Double-make or double-break contacts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

586-117111-6A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  586-117111-6A Datasheet HTML 1Page - List of Unclassifed Manufacturers 586-117111-6A Datasheet HTML 2Page - List of Unclassifed Manufacturers 586-117111-6A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TYPE 586 PART NUMBERING SYSTEM
586 – x xx x x x - x
Coil
Voltage/Duty
02 – 6 Volt continuous
05 – 12 Volt continuous
08 – 15 Volt continuous
14 – 24 Volt continuous
16 – 28 Volt continuous
17 – 36 Volt continuous
20 – 48 Volt continuous
Basic Part Number Series
Factory Assigned Specials
(where undefined, contact factory)
No dash – Standard assem-
bly, hardware sent bulk
2 – Customer requested
markings
3 – Customer requested
markings
3A – Customer requested
markings
5 – Customer requested
markings
6 – Customer requested
markings
6A – Customer requested
markings
7 – Customer requested
markings
Contact
Material
1 – AgCdO
Mounting
Bracket
1 – Standard bracket
Contact
Form
1 – SPNO
3 – SPDT
Coil
Termination
1 – Isolated
R-4005C
1232
APPLICATION NOTES
• Notallpartnumbercombinationsareavailable.PleasecontactyourSalesRepresentativefor
availablepartnumbers.
• Solenoidsappliedinbatterychargingcircuitsshouldbeprotectedfromhigherthanrated
voltageduringcharging.Theservicelifemaybeaffectedbythisconditionandthesolenoid
mayormaynotoperatethecircuitasintended.
• Circuitsshouldbedesignedtoprovidesafeoperationshouldthesolenoidfailineitherthe
openorclosedposition.
SPDT – Isolated Coil
SPNO – Isolated Coil
L
4.618
H 2.797
.281 WIDE X .640 LONG SLOT
NORMALLY
CLOSED
NORMALLY
OPEN
NORMALLY
OPEN
5/16-24 UNF-2A X .594 LONG
CIRCUIT DIAGRAM
CIRCUIT DIAGRAM
#10-32 UNF-2A X .375 LONG
2.300
W 3.300
L
3.688
2.300
W 3.300
.281 WIDE X .640 LONG SLOT
5/16-24 UNF-2A X .594 LONG
#10-32 UNF-2A X .375 LONG
1.156
1.274
.594
1.156
.594
H 2.797
1.274
1.375
1.375


Similar Part No. - 586-117111-6A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
586-117111 ETC2-586-117111 Datasheet
242Kb / 1P
   DC POWER CONTACTORS
More results

Similar Description - 586-117111-6A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMC05060 ETC2-RMC05060 Datasheet
398Kb / 3P
   1 pole 30/32 A, 1 form X, double make, NO or 1 form Z, double make double break, NO NC
logo
Tyco Electronics
N-415A-1 MACOM-N-415A-1 Datasheet
52Kb / 1P
   3PDT Double Break Main Contacts
NN-449B MACOM-NN-449B Datasheet
57Kb / 1P
   SPDT Double Break Main Contacts
NN-233A MACOM-NN-233A Datasheet
59Kb / 1P
   SPDT Double Break Main Contacts
NN-233C MACOM-NN-233C Datasheet
77Kb / 1P
   SPDT Double Break Main Contacts
NN-307 MACOM-NN-307 Datasheet
68Kb / 1P
   SPST Double Break Main Contacts
logo
Nais(Matsushita Electri...
JJM2W-12V NAIS-JJM2W-12V Datasheet
48Kb / 2P
   DOUBLE MAKE CONTACT AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKW-SH ETC2-HFKW-SH Datasheet
66Kb / 4P
   DOUBLE MAKE CONTACT AUTOMOTIVE REALY
logo
Tyco Electronics
H-14 MACOM-H-14 Datasheet
469Kb / 1P
   Make & Break Load Switching
H-23 MACOM-H-23 Datasheet
239Kb / 1P
   Make & Break Load Switching
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com