Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

586-314111 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 586-314111
Description  DC POWER CONTACTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

586-314111 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  586-314111 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.white-rodgers.com
20
TYPE 124
Single Pole Normally Open, or Single Pole Double Throw Contacts.
Dust Resistant and Endcaps are Isolated from Bracket
SPECIFICATIONS
Dimensions, 24-05,-4,-7 . . . . 3.56”L x 3.3”W x 2.9”H
Dimensions, 24-305,-34 . . . . . . . . . . 4.69”L x 3.3”W x 2.9”H
Weight
, 24-05,-4,-7 . . . . . . . . . . 6.0 oz.
Weight
, 24-305,-34 . . . . . . . . . . . . . . . . . 9.0 oz.
Temperature Range . . . . . . . . . . . . . . . . . . . . . . -40° to +49°F
Terminations, Contacts. . . . . . . . . . . . . . . . . . . . 5/6”-24 UNF-2A thread
Terminations, Coil. . . . . . . . . . . . . . . . . . . . . . . . #0-32 UNF-2A thread
Recommended Mounting . . . . . . . . . . . . . . . . . . . . . . . Vertical plane with coil terminals up
Hardware Torque, Contact Terminal . . . . . . . . . . . . . . . 60 in. lbs. max.
Hardware Torque, Coil Terminal . . . . . . . . . . . . . . . . . . 2-8 in. lbs.
Caution
: A back-up wrench must be used to hold the bottom nut stationary.
Type 124
Coil
Coil
Contact Rating (Amps) – Inductive Load
Model
Duty
Terminal
Bracket
Voltage Resistance Contact
Voltage
Normally Open
Normally Closed
Number
Cycle
Type ➀
Style
D.C.
(Ohms) ➁ Material
D.C.
Continuous Inrush
Continuous
Inrush
124-105111
Continuous
4
Standard
2
3.2
Silver Alloy
2
00
400
124-114111
Continuous
4
Standard
24
53.0
Silver Alloy
24
00
400
124-314111
Continuous
6
Standard
24
53.0
Silver Alloy
24
00
400
50
00
124-117111
Continuous
4
Standard
36
20.0
Silver Alloy
36
00
400
124-317111
Continuous
6
Standard
36
20.0
Silver Alloy
36
00
400
50
00
“4” = Isolated Coil, SPNO
“6” = Isolated Coil, SPDT
Coil resistance in Ohms @ 25°C
Inrush Current: Current applied within the first 1/2 second of contact closure
TYPE 586
Single Pole Normally Open, or Single Pole Double Throw Contacts.
Water Resistant and Case is Isolated from Bracket
SPECIFICATIONS
Dimensions, 586-4,-7 . . . . . . . . . . . 3.69”L x 3.30”W x 2.90”H
Dimensions, 586-37 . . . . . . . . . . . . . . . . . 4.6”L x 3.30”W x 2.90”H
Weight
, 586-4,-7 . . . . . . . . . . . . . . . . . 24.0 oz.
Weight
, 586-37 . . . . . . . . . . . . . . . . . . . . . . . . . 26.0 oz.
Temperature Range . . . . . . . . . . . . . . . . . . . . . . -40° to +49°F
Terminations, Contacts. . . . . . . . . . . . . . . . . . . . 5/6”-24 UNF-2A thread
Terminations, Coil. . . . . . . . . . . . . . . . . . . . . . . . #0-32 UNF-2A thread
Recommended Mounting . . . . . . . . . . . . . . . . . . . . . . . Vertical plane with coil terminals up
Hardware Torque, Contact Terminal . . . . . . . . . . . . . . . 60 in. lbs. max.
Hardware Torque, Coil Terminal . . . . . . . . . . . . . . . . . . 2-8 in. lbs.
Type 586 SPNO
Coil
Coil
Contact Rating (Amps) – Inductive Load
Model
Duty
Terminal
Bracket
Voltage Resistance Contact
Voltage
Normally Open
Normally Closed
Number
Cycle
Type ➀
Style
D.C.
(Ohms) ➁ Material
D.C.
Continuous Inrush➂ Continuous Inrush➂
586-105111
Continuous
4
Standard
2
2.0
Silver Alloy
2
200
600
586-108111➃
Continuous
4
Standard
5
32.8
Silver Alloy
5
200
600
586-114111
Continuous
4
Standard
24
84.0
Silver Alloy
24
200
600
586-117111
Continuous
4
Standard
36
89.0
Silver Alloy
36
200
600
586-120111
Continuous
4
Standard
48
336.0
Silver Alloy
36
200
600
586-314111
Continuous
6
Standard
24
84.0
Silver Alloy
24
200
600
00
200
586-317111
Continuous
6
Standard
36
20.0
Silver Alloy
36
200
600
00
200
“4” = Isolated Coil, SPNO
“6” = Isolated Coil, SPDT
Coil resistance in Ohms @ 25°C
Inrush Current: Current applied within the first 1/2 second of contact closure
Ideal for 2V charging systems
NOTE
: CAUTION must be used in coil selection for use in 2 volt
sytems where battery charging may expose coil to continuous,
higher-than-rated voltage. 5 volt coils are recommended.
White-Rodgers will not be responsible for consequences of misap-
plied solenoids.
DC POWER
CONTACTORS
SPNO/SPDT


Similar Part No. - 586-314111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
586-314111-2 ETC2-586-314111-2 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-314111-3 ETC2-586-314111-3 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-314111-3A ETC2-586-314111-3A Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-314111-5 ETC2-586-314111-5 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
586-314111-6 ETC2-586-314111-6 Datasheet
360Kb / 3P
   Water resistant Double-make or double-break contacts
More results

Similar Description - 586-314111

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
A-770 TEC-A-770 Datasheet
2Mb / 5P
   HARTMAN Power Switching DC Contactors
D-32A TEC-D-32A Datasheet
490Kb / 1P
   HARTMAN Power Switching DC Contactors
A-703 TEC-A-703 Datasheet
1Mb / 5P
   HARTMAN Power Switching DC Contactors
A1077 TEC-A1077 Datasheet
812Kb / 4P
   HARTMAN Power Switching DC Contactors
logo
Zhejiang DongYa Electro...
BZJ-100D DONGYA-BZJ-100D Datasheet
240Kb / 1P
   NC DC Contactors
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
TE Connectivity Ltd
EV200B TEC-EV200B Datasheet
239Kb / 2P
   KILOVAC High Voltage DC Contactors
MAP200 TEC-MAP200 Datasheet
249Kb / 2P
   KILOVAC High Voltage DC Contactors
CAP200 TEC-CAP200 Datasheet
268Kb / 2P
   KILOVAC High Voltage DC Contactors
CAP202 TEC-CAP202 Datasheet
367Kb / 2P
   KILOVAC High Voltage DC Contactors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com