Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU3000XL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SU3000XL
Description  SmartOnline 3kVA On-Line Double-Conversion UPS, Tower, 120V NEMA outlets
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SU3000XL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SU3000XL Datasheet HTML 1Page - List of Unclassifed Manufacturers SU3000XL Datasheet HTML 2Page - List of Unclassifed Manufacturers SU3000XL Datasheet HTML 3Page - List of Unclassifed Manufacturers SU3000XL Datasheet HTML 4Page - List of Unclassifed Manufacturers SU3000XL Datasheet HTML 5Page - List of Unclassifed Manufacturers SU3000XL Datasheet HTML 6Page - List of Unclassifed Manufacturers SU3000XL Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Corrects line voltage conditions as low as 65V and as high as 150V to within 2% of selected nominal voltage
Standard internal battery set offers 14 minutes runtime at half load (1200W) and 5 minutes at full load (2400W)
Expandable battery runtime with optional BP72V15-2U (limit 1), BP72V28RT-3U (multi-pack compatible) and BP72V18-2US (multi-pack compatible)
external battery packs
Some external battery configurations require the use of Tripp Lite's External Battery Configuration Software (see manual)
Fault tolerant electronic bypass maintains utility output during a variety of UPS fault conditions
Network interfaces support simultaneous communications via built-in USB, DB9 serial / contact-closure and SNMPWEBCARD slot
HID compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X. Included
PowerAlert UPS monitoring software supports safe unattended shutdown, monitoring and control via local connected servers, plus any number of
additional servers over IP
UPS interface supports on-battery, low-battery, power-restored, AC-voltage, DC-voltage, output current monitoring, battery charge current, battery
capacity, AC line frequency, timed inverter shutoff, activate self-test, load bank output power control, remote reboot and UPS nominal voltage adjustment
Built-in Emergency Power Off (EPO) interface with cable
NEMA L5-30P input plug / NEMA 5-15R, 5-15/20R & L5-30R output receptacles
Integrated 2 bank switched PDU enables remote outlet management for load shedding or remote reboot of individual load banks
Front panel LEDs offer current monitoring and battery charge level information
Network grade AC, TEL/DSL or ethernet line surge suppression
Field replaceable, hot swappable internal batteries and external battery packs
$250,000 Ultimate Lifetime Insurance
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
3000
Output kVA capacity (kVA)
3
Output Watt Capacity (watts)
2400
Output kW capacity
2.4
Output power factor
0.8
Crest Factor
3:1
Nominal Output Voltage(s)
Supported
110V; 120V
Frequency compatibility
50 / 60 Hz
Frequency compatibility details
Output frequency matches input nominal on startup, defaults to 60 Hz on cold-start
Output voltage regulation (line mode)
+/- 2%
Output voltage regulation (Economy
line mode)
+/- 10%
Output voltage regulation (Battery
mode)
+/- 2%
Built-in UPS output receptacles
4 5-15R outlet(s); 4 5-15/20R outlet(s); 1 L5-30R outlet(s)
Built-in controllable switched load
banks
Two switchable four-outlet load banks, (bank 1 - four 5-15/20R, bank 2 - four 5-15R outlets)
2 / 6


Similar Part No. - SU3000XL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU3000XLCD TRIPPLITE-SU3000XLCD Datasheet
560Kb / 6P
   SmartOnline 100-127V 3kVA 2.7kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, LCD display, USB, DB9 Serial
SU3000XL TRIPPLITE-SU3000XL_15 Datasheet
531Kb / 5P
   SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
More results

Similar Description - SU3000XL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU3000RTXL3U ETC2-SU3000RTXL3U Datasheet
519Kb / 8P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 110/120V NEMA outlets
SU3000RTXR3U ETC2-SU3000RTXR3U Datasheet
516Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 110/120V NEMA outlets, XR runtime
SU3000RTXL3UHV ETC2-SU3000RTXL3UHV Datasheet
505Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 208/240V NEMA outlets
SU1500XL ETC2-SU1500XL Datasheet
527Kb / 7P
   SmartOnline 1.5kVA On-Line Double-Conversion UPS, Tower, 100/110/120V NEMA outlets
SU1000XLA ETC2-SU1000XLA Datasheet
523Kb / 7P
   SmartOnline 1kVA On-Line Double-Conversion UPS, Tower, 100/110/120V NEMA outlets
SU750XL ETC2-SU750XL Datasheet
504Kb / 6P
   SmartOnline .75kVA On-Line Double-Conversion UPS, Tower, 100/110/120V NEMA outlets
SU2200RTXL2UA ETC2-SU2200RTXL2UA Datasheet
504Kb / 8P
   SmartOnline 2.2kVA On-Line Double-Conversion UPS, 2U Rack/Tower, 110/120V NEMA outlets
SU5000RT3U ETC2-SU5000RT3U Datasheet
538Kb / 7P
   SmartOnline 5kVA On-Line Double-Conversion UPS, 7U Rack/Tower, 208/120V NEMA outlets
SU8000RT3U1TF ETC2-SU8000RT3U1TF Datasheet
544Kb / 8P
   SmartOnline 8kVA On-Line Double-Conversion UPS, 8U Rack/Tower, 208/120V NEMA outlets
SU1000RTXL2UA ETC2-SU1000RTXL2UA Datasheet
500Kb / 8P
   SmartOnline 1kVA On-Line Double-Conversion UPS, 2U Rack/Tower, 100/110/120V NEMA outlets
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com