Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7400U-04 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # R7400U-04
Description  METAL PACKAGE PHOTOMULTIPLIER TUBE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R7400U-04 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  R7400U-04 Datasheet HTML 1Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 2Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 3Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 4Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 5Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 6Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 7Page - Hamamatsu Corporation R7400U-04 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TPMSB0137EB
TPMHC0153EA
TPMHB0461EB
TPMHB0462EB
Figure 10: Lens Effect
Parallel light : Parallel Light: from a 40 mm diameter parallel light source insuring uniform
intensity over the entire active area of the photomultiplier tube.
Diffused light: Diffused light: from a 40 mm diameter parallel light source and a diffuser placed
10cm from the detector. The entire active area of the PMT is exposed.
Figure 8: Transmittance of Lens
Figure 9: Lens Effect
R7401
R7402
200
0
10
20
30
40
50
60
70
80
90
100
300
400
500
600
700
800
900
WAVELENGTH (nm)
0
50
100
050
100
MEASUREMENT CONDITIONS
WAVELENGTH : 400 nm
SUPPLY VOLTAGE : -800 V
WITHOUT LENS
WITH LENS
ANODE SENSITIVITY
LENS
A 1 mm diameter spot light (parallel light) is scanned
at the center of the photocathode in X and Y directions.
0
X-AXIS(mm)
7
7
WAVELENGTH (nm)
300
0
50
100
150
200
250
300
400
500
600
700
WITH LENS PARALLEL LIGHT
WITH LENS DIFFUSED LIGHT
WITHOUT LENS
PMT: R7400U
SUPPLY VOLTAGE: -800 V
WAVELENGTH (nm)
WITH LENS PARALLEL LIGHT
WITH LENS DIFFUSED LIGHT
300
0
50
100
150
200
250
300
400
500
600
700
800
850
900
WITHOUT LENS
PMT: R7400U-01
SUPPLY VOLTAGE: -800 V
METAL PACKAGE PHOTOMULTIPLIER TUBE R7400U SERIES


Similar Part No. - R7400U-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7400U-04 HAMAMATSU-R7400U-04 Datasheet
305Kb / 8P
   METAL PACKAGE PHOTOMULTIPLIER TUBE
More results

Similar Description - R7400U-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7400U HAMAMATSU-R7400U_04 Datasheet
305Kb / 8P
   METAL PACKAGE PHOTOMULTIPLIER TUBE
R9875U HAMAMATSU-R9875U_15 Datasheet
55Kb / 2P
   METAL PACKAGE PHOTOMULTIPLIER TUBE
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com