Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42475-1011 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 42475-1011
Description  Mini-Fit BMI Plug Housing, 4.20mm Pitch Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 10 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

42475-1011 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  42475-1011 Datasheet HTML 1Page - Molex Electronics Ltd. 42475-1011 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
15-06-0105
Status:
Active
Overview:
Mini-Fit® BMI
Description:
Mini-Fit® BMI Plug Housing, 4.20mm Pitch Dual Row with Panel Mount Ears, PA
Polyamide Nylon 6/6, UL 94V-2, 10 Circuits
Documents:
3D Model
Packaging Specification PK-42474-001 (PDF)
Drawing (PDF)
Test Summary TS-5556-002 (PDF)
Product Specification PS-45750-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-5556-002 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
42475
Application
Power, Wire-to-Board, Wire-to-Wire
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 series terminals
crimped to 16 AWG wire. . See Molex product
specification PS-45750-001 for additional current
derating information.
MolexKits
Yes
Overview
Mini-Fit® BMI
Product Name
Mini-Fit® BMI
UPC
800755528244
Physical
Circuits (maximum)
10
Color - Resin
Natural
Flammability
94V-2
Gender
Male
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
4.120/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
4.20mm
Pitch - Termination Interface
4.20mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
13A
Material Info
Old Part Number
42475-1011
Reference - Drawing Numbers
Packaging Specification
PK-42474-001
Product Specification
PS-45750-001, PS-5556-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42475Series
Mates With
15-06-0100 Mini-Fit® BMI Panel Mount
Receptacle, 42385 Mini-Fit® BMI 10 Circuit,
UL 94V-2 Vertical Receptacle Headers,
44475-1011 Mini-Fit® HCS BMI Vertical
Receptacle Header, 39-01-2100 Mini-Fit®
Jr. Receptacle
Use With
46012 Mini-Fit® Plus HCS Crimp Terminal,
5558 Mini-Fit® Crimp Terminal


Similar Part No. - 42475-1011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42475-1011 MOLEX1-42475-1011 Datasheet
485Kb / 5P
   4.20mm (.165") Pitch Mini-Fit BMI??Plug Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 10 Circuits
More results

Similar Description - 42475-1011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-06-0065 MOLEX11-15-06-0065 Datasheet
51Kb / 2P
   Mini-Fit BMI Plug Housing, 4.20mm Pitch Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 6 Circuits
15-06-0106 MOLEX11-15-06-0106 Datasheet
51Kb / 2P
   Mini-Fit BMI Plug Housing, 4.20mm Pitch Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-0, 10 Circuits
0015060105 MOLEX1-0015060105 Datasheet
485Kb / 5P
   4.20mm (.165") Pitch Mini-Fit BMI??Plug Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 10 Circuits
0015060065 MOLEX1-0015060065 Datasheet
485Kb / 5P
   4.20mm (.165") Pitch Mini-Fit BMI??Plug Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 6 Circuits
15-06-0066 MOLEX11-15-06-0066 Datasheet
51Kb / 2P
   Mini-Fit BMI Plug Housing, 4.20mm Pitch Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-0, 6 Circuits
15-06-0100 MOLEX11-15-06-0100 Datasheet
70Kb / 2P
   Mini-Fit BMI Receptacle Housing, 4.20mm Pitch, Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 10 Circuits
15-06-0085 MOLEX11-15-06-0085 Datasheet
51Kb / 2P
   Mini-Fit BMI Plug Housing, 4.20mm Pitch Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 8 Circuits
15-06-0045 MOLEX11-15-06-0045 Datasheet
51Kb / 2P
   Mini-Fit BMI Plug Housing, 4.20mm Pitch Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 4 Circuits
15-06-0185 MOLEX11-15-06-0185 Datasheet
52Kb / 2P
   Mini-Fit BMI Plug Housing, 4.20mm Pitch Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 18 Circuits
15-06-0060 MOLEX11-15-06-0060 Datasheet
70Kb / 2P
   Mini-Fit BMI Receptacle Housing, 4.20mm Pitch, Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 6 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com