Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R7400U-09 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R7400U-09
Description  METAL PACKAGE PHOTOMULTIPLIER TUBE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R7400U-09 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R7400U-09 Datasheet HTML 1Page - Hamamatsu Corporation R7400U-09 Datasheet HTML 2Page - Hamamatsu Corporation R7400U-09 Datasheet HTML 3Page - Hamamatsu Corporation R7400U-09 Datasheet HTML 4Page - Hamamatsu Corporation R7400U-09 Datasheet HTML 5Page - Hamamatsu Corporation R7400U-09 Datasheet HTML 6Page - Hamamatsu Corporation R7400U-09 Datasheet HTML 7Page - Hamamatsu Corporation R7400U-09 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R7400U SERIES
METAL PACKAGE
PHOTOMULTIPLIER TUBE
VOLTAGE DISTRIBUTION RATIO
Left: R7400U
Right: R7401/R7402
Electrodes
K
1
Dy1
1
Dy2
1
Dy3
1
Dy4
1
Dy5
1
1
Dy6
Dy7
1
Dy8
0.5
P
Ratio
SERIES
GENERAL
Solar Blind
UV to Visible Range
R7400U/R7400U-03/R7400U-06
R7400P
R7401 (Visible Range)
R7400U-01/R7400U-02/R7400U-04/R7400U-20
Yes
Unit
UV to Near IR Range
—Yes
R7402 (Visible to Near IR Range )
Yes
Insulation Cover
R7400U-09
Standard
Parameter
Minimum Effective Area
Dynode
Description/Value
8
Metal Channel
8
Structure
Number of Stage
R7400U Series/R7400P
Weight
R7401/R7402/R7401P
Ambient Temperature
R7400U Series/R7400P
R7401/R7402/R7401P
Approx. 5.3
Approx. 6.3
-80 to +50
-30 to +50
For Photon Counting
With Lens
Supply Voltage: 800 V K: Cathode Dy: Dynode P: Anode
The R7400U series is a subminiature photomultiplier tube with a
16 mm diameter and 12 mm seated length. A precision engi-
neered 8-stage electron multiplier (composed of metal channel
dynodes) is incorporated in the TO-8 package to produce a noise
free gain of 700,000 times (R7400U). The R7400U series also
features excellent response time with a rise time of 0.78 ns. Vari-
ous types of the R7400U series are available with different spec-
tral response and gain ranges, including those selected specifi-
cally for photon counting applications. Hamamatsu also provides
a hemispherical lens input option to the series (R7401 and
R7402), effectively doubling the active area.
FEATURES
World's smallest photomultiplier tubes assembled in a TO-8 metal package (1/7th of the Hamamatsu R647).
The necessary components are built into a TO-8 package while retaining full photomultiplier tube performance to cre-
ate a new generation of photosensors.
Photon counting type: R7400P.
The R7400P is specially selected on account of low noise and high gain for use in photon counting applications.
Hemispherical lens window types: R7401 (bialkali), R7402 (multialkali).
The hemispherical lens window doubles the effective input area to 12 mm in diameter.
Compact size (16 mm diameter, 12 mm seated length),
Fast Time response (rise time 0.78 ns)
mm
g
°C
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.


Similar Part No. - R7400U-09

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7400U-09 HAMAMATSU-R7400U-09 Datasheet
305Kb / 8P
   METAL PACKAGE PHOTOMULTIPLIER TUBE
More results

Similar Description - R7400U-09

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7400U HAMAMATSU-R7400U_04 Datasheet
305Kb / 8P
   METAL PACKAGE PHOTOMULTIPLIER TUBE
R9875U HAMAMATSU-R9875U_15 Datasheet
55Kb / 2P
   METAL PACKAGE PHOTOMULTIPLIER TUBE
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com