Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6800U-01 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R6800U-01
Description  METAL PACKAGE SOLAR BLIND PHOTOTUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R6800U-01 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R6800U-01 Datasheet HTML 1Page - Hamamatsu Corporation R6800U-01 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
METAL PACKAGE SOLAR BLIND PHOTOTUBE R6800U-01
Figure 1: Typical Spectral Response
TPT 1006E02
JAN. 1999 SI
Printed in Japan (500)
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384
North Europe: Hamamatsu Photonics Norden AB: Färögatan 7, S-164-40 Kista Sweden, Telephone: (46)8-703-29-50, Fax: (46)8-750-58-95
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741
TPT B0007EB
Figure 2: Saturation Characteristics
TPT B0008EA
Figure 3: Dimensional Outline (Unit: mm)
TPT A0022EB
* PATENT PENDING: JAPAN 2
NOTE: Don't use pins excepting ANODE and CATHODE pins.
WAVELENGTH (nm)
at +25
°C
100
0.1
200
300
400
1
10
100
R6800U-01
SUPPLY VOLTAGE (V)
010
20
20
30
40
40
50
60
60
70
80
80
100
90
100
at 254nm
8 MIN.
EFFECTIVE AREA
CATHODE
SHORT PIN
SHORT PIN
12- 0.45
GUIDE MARK
ANODE
INSULATION COVER
(Polyoxymethylene)
PHOTOCATHODE
0.5
± 0.2
5.0
± 0.7
11.5
± 0.4
4.0
± 0.3
Bottom View
Side View
Top View
5
± 1


Similar Part No. - R6800U-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R6800U-26 HAMAMATSU-R6800U-26 Datasheet
18Kb / 2P
   METAL PACKAGE SOLAR BLIND PHOTOTUBE
More results

Similar Description - R6800U-01

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R6800U-26 HAMAMATSU-R6800U-26 Datasheet
18Kb / 2P
   METAL PACKAGE SOLAR BLIND PHOTOTUBE
logo
General Electric Compan...
GL-930 GEC-GL-930 Datasheet
494Kb / 2P
   PHOTOTUBE
PJ-22 GEC-PJ-22 Datasheet
510Kb / 2P
   PHOTOTUBE
logo
NXP Semiconductors
3545 PHILIPS-3545 Datasheet
150Kb / 8P
   VACUUM PHOTOTUBE
3.3.1953
92AG PHILIPS-92AG Datasheet
117Kb / 6P
   GAS-FILLED PHOTOTUBE
2.2.1959
3546 NXP-3546 Datasheet
182Kb / 9P
   GAS-FILLED PHOTOTUBE
2.2.1955
90CG NXP-90CG Datasheet
389Kb / 11P
   GAS-PILLED PHOTOTUBE
3.3.1955
logo
Hamamatsu Corporation
R821 HAMAMATSU-R821_15 Datasheet
26Kb / 2P
   For Astro-physics and Other Ultraviolet Radiation Detection Solar Blind Response (160nm to 320nm), Cs-Te Photocathode Solar Blind Response (160nm to 320nm), Cs-Te Photocathode
H11123 HAMAMATSU-H11123_15 Datasheet
73Kb / 2P
   Metal Package PMT
H10682 HAMAMATSU-H10682_15 Datasheet
84Kb / 2P
   Metal package PMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com