Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVTA7002N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVTA7002N
Description  30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC-75
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTA7002N Datasheet(HTML) 2 Page - ON Semiconductor

  NVTA7002N Datasheet HTML 1Page - ON Semiconductor NVTA7002N Datasheet HTML 2Page - ON Semiconductor NVTA7002N Datasheet HTML 3Page - ON Semiconductor NVTA7002N Datasheet HTML 4Page - ON Semiconductor NVTA7002N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTA7002N, NVTA7002N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 100 mA
30
V
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 30 V
1.0
mA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 20 V,
T = 85 °C
1.0
mA
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±10 V
±25
mA
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±5 V
±1.0
mA
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±5 V
T = 85 °C
±1.0
mA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 100 mA
0.5
1.0
1.5
V
Drain−to−Source On Resistance
RDS(on)
VGS = 4.5 V, ID = 154 mA
1.4
7.0
W
VGS = 2.5 V, ID = 154 mA
2.3
7.5
Forward Transconductance
gFS
VDS = 3 V, ID = 154 mA
80
mS
CAPACITANCES
Input Capacitance
CISS
VDS = 5.0 V, f = 1 MHz,
VGS = 0 V
11.5
20
pF
Output Capacitance
COSS
10
15
Reverse Transfer Capacitance
CRSS
3.5
6.0
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 5.0 V,
ID = 75 mA, RG = 10 W
13
ns
Rise Time
tr
15
ns
Turn−Off Delay Time
td(OFF)
98
Fall Time
tf
60
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 154 mA
0.77
0.9
V
2. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
3. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NVTA7002N

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
   Surface Mount Varistor
NVT0402H100A800TRF NIC-NVT0402H100A800TRF Datasheet
370Kb / 3P
   Surface Mount Varistor
NVT0402H180D171TRF NIC-NVT0402H180D171TRF Datasheet
370Kb / 3P
   Surface Mount Varistor
NVT0402H180D800TRF NIC-NVT0402H180D800TRF Datasheet
370Kb / 3P
   Surface Mount Varistor
NVT0402H5R0B800TRF NIC-NVT0402H5R0B800TRF Datasheet
370Kb / 3P
   Surface Mount Varistor
More results

Similar Description - NVTA7002N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTA7002N ONSEMI-NTA7002N Datasheet
56Kb / 6P
   Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
July, 2005 ??Rev. 1
logo
First Silicon Co., Ltd
FTK7002EN FS-FTK7002EN Datasheet
291Kb / 5P
   Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
logo
Leshan Radio Company
LNTK4003M3T5G LRC-LNTK4003M3T5G Datasheet
441Kb / 5P
   30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection
logo
ON Semiconductor
NTA4001N ONSEMI-NTA4001N Datasheet
61Kb / 6P
   Small Signal MOSFET 20 V, 238 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
September, 2003 ??Rev. 0
logo
WILLAS ELECTRONIC CORP
2N7002NT1 WILLAS-2N7002NT1 Datasheet
327Kb / 5P
   30 V, 154 mA, Single
logo
ON Semiconductor
NVLJD4007NZ ONSEMI-NVLJD4007NZ Datasheet
132Kb / 6P
   30 V, 245 mA, Dual, N?묬hannel, Gate ESD Protection, 2x2 WDFN Package
May, 2013 ??Rev. 0
logo
Leshan Radio Company
LNTR4003NLT1G LRC-LNTR4003NLT1G Datasheet
447Kb / 5P
   30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection, SOT-23
logo
ON Semiconductor
NTA4153N ONSEMI-NTA4153N Datasheet
74Kb / 6P
   Small Signal MOSFET 20 V, 915 mA, Single N?묬hannel with ESD Protection, SC??5 and SC??9
March, 2007 ??Rev. 5
logo
First Silicon Co., Ltd
FTK4003N FS-FTK4003N Datasheet
485Kb / 5P
   30V, 0.56A, N?묬hannel, Gate ESD Protection
logo
Leshan Radio Company
LNTK3043NT5G LRC-LNTK3043NT5G Datasheet
169Kb / 5P
   20 V, 285 mA, N?묬hannel with ESD Protection, SOT??23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com