Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6351 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R6351
Description  NEW COMPACT TYPE PMT SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R6351 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R6351 Datasheet HTML 1Page - Hamamatsu Corporation R6351 Datasheet HTML 2Page - Hamamatsu Corporation R6351 Datasheet HTML 3Page - Hamamatsu Corporation R6351 Datasheet HTML 4Page - Hamamatsu Corporation R6351 Datasheet HTML 5Page - Hamamatsu Corporation R6351 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Information furnished by HA MAM ATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 1998 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
New Electro-Optical Design
13mm (1/2 Inch) Diameter, 9-stage, Side-on Type
NEW COMPACT TYPE
PMT SERIES
Emission Spectroscopy (ICP, Direct Reader)
Environmental Monitoring (NOx, SO2, etc.)
Fluorescence Immunoassay
Chemiluminescence Immunoassay
Hygiene Monitor (Bio Luminescence)
X-ray Phototimer
Fluorometer
Microscope (Laser Scanning Microscope)
Left: Quartz window
Center: UV window
Right: Meshless type (R6357)
Our new electro-optic construction allows Hamamatsu to introduce
an improved line of compact side-on PMTs. The X-axis anode uni-
formity full width half maximum (FWHM) is greater than existing
models. This wider "sweet" spot increases detection efficiency and
can make optical alignment easier.
The R6357 is a unique addition, it is the new meshless multialkali
compact PMT having over 100mA/W photocathode radiant sensitiv-
ity.
APPLICATIONS


Similar Part No. - R6351

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R6351 HAMAMATSU-R6351 Datasheet
233Kb / 8P
   13 mm Dia. SIDE-ON COMPACT TYPE PHOTOMULTIPLIER TUBE
logo
Harwin Plc
R6351-02 HARWIN-R6351-02 Datasheet
400Kb / 2P
   THRADED SPACER-ROUND
More results

Similar Description - R6351

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H7710 HAMAMATSU-H7710 Datasheet
81Kb / 2P
   Compact Side-on PMT
H7827 HAMAMATSU-H7827_15 Datasheet
82Kb / 2P
   Compact Head-on PMT
H7711 HAMAMATSU-H7711 Datasheet
86Kb / 2P
   Compact Side-on PMT
H7827 HAMAMATSU-H7827 Datasheet
88Kb / 2P
   Compact Head-on PMT
H7828 HAMAMATSU-H7828_15 Datasheet
83Kb / 2P
   Compact Head-on PMT
H7826 HAMAMATSU-H7826_15 Datasheet
84Kb / 1P
   Compact Head-on PMT
H7826 HAMAMATSU-H7826 Datasheet
84Kb / 2P
   Compact Head-on PMT
H7828 HAMAMATSU-H7828 Datasheet
85Kb / 2P
   Compact Head-on PMT
logo
Vincotech
10-0B066PA010SB-M993F09 VINCOTECH-10-0B066PA010SB-M993F09 Datasheet
1Mb / 17P
   New ultra-compact housing
logo
Omron Electronics LLC
XM7A-0442 OMRON-XM7A-0442 Datasheet
154Kb / 3P
   New, Compact, USB-Compliant Interface Connectors.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com