Electronic Components Datasheet Search |
|
NC7SZ157L6X Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
NC7SZ157L6X Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 10 page © 2000 Fairchild Semiconductor Corporation www.fairchildsemi.com NC7SZ157 • Rev. 1.0.3 3 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Symbol Parameter Min. Max. Unit VCC Supply Voltage -0.5 7.0 V VIN DC Input Voltage -0.5 7.0 V VOUT DC Output Voltage -0.5 7.0 V IIK DC Input Diode Current VIN ≤ 0.5V -50 mA IOK DC Output Diode Current VOUT ≤ -0.5V -50 mA IOUT DC Output Current ±50 mA ICC or IGND DC VCC or Ground Current ±50 mA TSTG Storage Temperature Range -65 +150 °C TJ Junction Temperature Under Bias +150 °C TL Junction Lead Temperature (Soldering, 10 Seconds) +260 °C PD Power Dissipation at +85°C SC70-6 180 mW MicroPak-6 130 MicroPak2-6 120 ESD Human Body Model, JEDEC:JESD22-A114 4000 V Charge Device Model, JEDEC:JESD22-C101 2000 Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings. Symbol Parameter Conditions Min. Max. Unit VCC Supply Voltage Operating 1.65 5.50 V Supply Voltage Data Retention 1.50 5.50 VIN Input Voltage 0 5.5 V VOUT Output Voltage 0 VCC V TA Operating Temperature -40 +85 °C tr, tf Input Rise and Fall Times VCC at 1.8V ± 0.15V, 2.5V ± 0.2V 0 20 ns/V VCC at 3.3V ± 0.3V 0 10 VCC at 5.0V ± 0.5V 0 5 θ JA Thermal Resistance SC70-6 350 °C/W MicroPak-6 500 MicroPak2-6 560 |
Similar Part No. - NC7SZ157L6X |
|
Similar Description - NC7SZ157L6X |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |