Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5900U-00-L16 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # R5900U-00-L16
Description  LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5900U-00-L16 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  R5900U-00-L16 Datasheet HTML 1Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 2Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 3Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 4Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 5Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 6Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 7Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Figure 13: Dimensional Outline and Circuit Diagram of H7260 (Unit: mm)
TPMHA0455EC
TPMHC0192EA
GND TERMINAL
-HV INPUT TERMINAL
P32
P31
P2
P1
ANODE1 OUTPUT
ANODE2 OUTPUT
8
× 2 LINES
2.54 PITCH
ANODE31 OUTPUT
ANODE32 OUTPUT
DY10 OUTPUT
R9
G
K
R1
R1 to R7 : 220k
R8
: 51
R9
: 1M
R10: 10k
C1 to C4: 0.01
µF
VOLTAGE DIVIDER CURRENT = 0.37 mA at -900 V (MAX. RATING) INPUT
R2 R3 R4 R5 R6 R7
C1 C2
DY10
DY9
DY8
DY7
DY6
DY5
DY4
DY3
DY2
DY1
C3
R8
R10
C4
ACTIVE BASE CIRCUIT
SHIELD
SHIELD
TPMHA0456EC
H7260A
-HV input cable type is available
0.8 Typ.
3.3
35.0
± 0.5
450
± 10
5.08
7.62
2.54
-HV INPUT
(RG-174/U RED)
GND
TERMINAL
PIN ( 0.5)
ANODE #2
ANODE #1
HOUSING (POM)
ANODE #32
ANODE #31
DY10
OUTPUT
PIN ( 0.5)
ANODE #1 to #32
OUTPUT ( 0.46)
(16PIN
× 2 LINE
2.54 PITCH)
7.5
10 5
24.0
± 0.5
0.8 Typ.
3.3
35.0
± 0.5
5.08
7.62
2.54
-HV INPUT
TERMINAL ( 0.5)
GND
TERMINAL
PIN ( 0.5)
ANODE #2
ANODE #1
HOUSING (POM)
ANODE #32
ANODE #31
7
ANODE #1
ANODE #32
ANODE #1 to #32
OUTPUT ( 0.46)
(16PIN
× 2 LINE
2.54 PITCH)
7.5
DY10
OUTPUT
PIN ( 0.5)


Similar Part No. - R5900U-00-L16

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
More results

Similar Description - R5900U-00-L16

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H11460-03 HAMAMATSU-H11460-03 Datasheet
542Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R5900U-M4 HAMAMATSU-R5900U-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com