Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5900U-00-L16 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # R5900U-00-L16
Description  LINEAR ARRAY MULTIANODE PMT AND ASSEMBLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5900U-00-L16 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  R5900U-00-L16 Datasheet HTML 1Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 2Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 3Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 4Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 5Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 6Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 7Page - Hamamatsu Corporation R5900U-00-L16 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 6: Typical Time Response
Figure 7: Typical Transit Time Spread Characteristics
TPMHB0320EB
TPMHB0321EC
Light is irradiated to only one channel at this
measurement.
Light is irradiated to only one channel at this
measurement.
TPMHA0298EE
Figure 8: Dimensional Outline and Basing Diagram (Unit: mm)
2.54 PITCH
GUIDE
CORNER
EFFECTIVE
AREA
1.0 PITCH
PHOTOCATHODE
INSULATION
COVER
Side View
Bottom View
Top View
Basing Diagram
K
Dy
P
NC
: Photocathode
: Dynode (Dy1-Dy10)
: Anode (P1-P16)
: No Connection
30.0
± 0.5
15.8
25.7
± 0.5
15.8
0.8
1 MAX.
24 MAX.
4.4
± 0.7
30- 0.45
4 MAX.
12 3 4 5 6 7 8 9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Dy8 P12 P10 P8 P6 P4 Dy5
K
Dy1
Dy3
NC
P2
P1
P3
Dy9
Dy7
P5
P7
P9
P11
P13
Dy6
K
Dy2
Dy4
NC
P15
P14
P16
Dy10
2 (ns/div.)
SUPPLY VOLTAGE
RISE TIME
FALL TIME
RL
LIGHT AREA
= -800 (V)
= 593 (ps)
= 1691 (ps)
= 50 (
Ω)
= 0.8 mm
× 16 mm
0.5 (ns/div.)
10-4
10-3
10-2
10-1
100
101
SUPPLY VOLTAGE
FWHM
FWTM
LIGHT AREA
= -800 (V)
= 180 (ps)
= 335 (ps)
= 0.8 mm
× 16 mm


Similar Part No. - R5900U-00-L16

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
More results

Similar Description - R5900U-00-L16

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H11460-03 HAMAMATSU-H11460-03 Datasheet
542Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLY AND MODULE
H9530 HAMAMATSU-H9530 Datasheet
135Kb / 2P
   8 CHANNEL LINEAR ARRAY MULTIANODE PMT ASSEMBLY
H10515B HAMAMATSU-H10515B_15 Datasheet
560Kb / 12P
   LINEAR ARRAY MULTIANODE PMT ASSEMBLIES AND MODULES
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711 Datasheet
86Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8711 HAMAMATSU-H8711_07 Datasheet
166Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H9500 HAMAMATSU-H9500 Datasheet
155Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
H8500 HAMAMATSU-H8500 Datasheet
177Kb / 4P
   FLAT PANEL TYPE MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
R5900U-M4 HAMAMATSU-R5900U-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
R5900U-00-M4 HAMAMATSU-R5900U-00-M4 Datasheet
74Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com