Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2EZ-X4D1-M1TJ0.3M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E2EZ-X4D1-M1TJ0.3M
Description  Chip-immune Inductive Proximity Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2EZ-X4D1-M1TJ0.3M Datasheet(HTML) 2 Page - Omron Electronics LLC

  E2EZ-X4D1-M1TJ0.3M Datasheet HTML 1Page - Omron Electronics LLC E2EZ-X4D1-M1TJ0.3M Datasheet HTML 2Page - Omron Electronics LLC E2EZ-X4D1-M1TJ0.3M Datasheet HTML 3Page - Omron Electronics LLC E2EZ-X4D1-M1TJ0.3M Datasheet HTML 4Page - Omron Electronics LLC E2EZ-X4D1-M1TJ0.3M Datasheet HTML 5Page - Omron Electronics LLC E2EZ-X4D1-M1TJ0.3M Datasheet HTML 6Page - Omron Electronics LLC E2EZ-X4D1-M1TJ0.3M Datasheet HTML 7Page - Omron Electronics LLC E2EZ-X4D1-M1TJ0.3M Datasheet HTML 8Page - Omron Electronics LLC E2EZ-X4D1-M1TJ0.3M Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
E2EZ
Pre-wired Connector Models (M12)
Accessories (Order Separately)
Sensor I/O Connectors (M12, Sockets on One Cable End)
(Models for Pre-wired Connectors: A Connector is not provided with the Sensor. Be sure to order a Connector separately.) [Refer to Dimensions on XS2, XS5.]
Mounting Brackets
Protective Covers
Sputter Protective Covers
Refer to Y92
@ for details.
Appearance
Sensing distance
Output configuration
Model
Operation mode
NO
NC
M12
DC 2-wire, (3)-(4) pin arrangement
E2EZ-X2D1-M1J 0.3M
DC 2-wire, (1)-(4) pin arrangement
E2EZ-X2D1-M1GJ 0.3M
M18
DC 2-wire, (3)-(4) pin arrangement
E2EZ-X4D1-M1J 0.3M
DC 2-wire, (1)-(4) pin arrangement
E2EZ-X4D1-M1GJ 0.3M
M30
DC 2-wire, (3)-(4) pin arrangement
E2EZ-X8D1-M1J 0.3M
DC 2-wire, (1)-(4) pin arrangement
E2EZ-X8D1-M1GJ 0.3M
Shielded
2 mm
4 mm
8 mm
Appearance
Cable length
Sensor I/O Connector model number
Applicable Proximity Sensor model number
2 m
XS2F-D421-DD0
E2EZ-X
@D1-M1J
5 m
XS2F-D421-GD0
2 m
XS2F-D422-DD0
5 m
XS2F-D422-GD0
2 m
XS2F-D421-DA0-F
E2EZ-X
@D1-M1GJ
5 m
XS2F-D421-GA0-F
2 m
XS2F-D422-DA0-F
5 m
XS2F-D422-GA0-F
2 m
XS5F-D421-D80-F
E2EZ-X
@D1-M1TJ
E2EZ-X
@D1-M1TGJ
5 m
XS5F-D421-G80-F
Straight
L-shape
Straight
L-shape
Smartclick
Connector
Straight


Similar Part No. - E2EZ-X4D1-M1TJ0.3M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EZ-X8D1-N OMRON-E2EZ-X8D1-N Datasheet
661Kb / 9P
   Chip-immune Inductive Proximity Sensor
More results

Similar Description - E2EZ-X4D1-M1TJ0.3M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2EZ-X8D1-N OMRON-E2EZ-X8D1-N Datasheet
661Kb / 9P
   Chip-immune Inductive Proximity Sensor
logo
Contrinex AG Industrial...
DW-AS-713-M12-967 CONTRINEX-DW-AS-713-M12-967 Datasheet
281Kb / 6P
   INDUCTIVE SENSOR CHIP IMMUNE
DW-AS-713-M18-967 CONTRINEX-DW-AS-713-M18-967 Datasheet
301Kb / 6P
   INDUCTIVE SENSOR CHIP IMMUNE
DW-AS-713-M30-967 CONTRINEX-DW-AS-713-M30-967 Datasheet
336Kb / 6P
   INDUCTIVE SENSOR CHIP IMMUNE
logo
SICK AG
IME30-15BDSZY2K SICK-IME30-15BDSZY2K Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSOR
logo
FOTEK CONTROLS CO., LTD...
PT04-01N FOTEK-PT04-01N Datasheet
1Mb / 8P
   Inductive proximity sensor
logo
Omron Electronics LLC
E2Q2--N20E3-U OMRON-E2Q2--N20E3-U Datasheet
192Kb / 8P
   Inductive Proximity Sensor
logo
FOTEK CONTROLS CO., LTD...
LS-02N FOTEK-LS-02N Datasheet
1Mb / 6P
   Inductive proximity sensor
logo
Panasonic Semiconductor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
   Compact Inductive Proximity Sensor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
   Cylindrical Inductive Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com