Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK33 Datasheet(PDF) 5 Page - Orister Corporation

Part # SK33
Description  3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

SK33 Datasheet(HTML) 5 Page - Orister Corporation

  SK33 Datasheet HTML 1Page - Orister Corporation SK33 Datasheet HTML 2Page - Orister Corporation SK33 Datasheet HTML 3Page - Orister Corporation SK33 Datasheet HTML 4Page - Orister Corporation SK33 Datasheet HTML 5Page - Orister Corporation SK33 Datasheet HTML 6Page - Orister Corporation SK33 Datasheet HTML 7Page - Orister Corporation SK33 Datasheet HTML 8Page - Orister Corporation SK33 Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page No. : 5/10
DS‐RS6507‐02    February, 2010 
www.Orister.com
Detail Description 
The RS6507 is a synchronous high voltage buck converter that can support the input voltage range from 4.75V to 20V and the 
output current can be up to 3A. 
 
Output Voltage Setting 
The resistive divider allows the FB pin to sense the output voltage as shown in Figure 1. 
 
 
 
Figure 1. Output Voltage Setting 
 
The output voltage is set by an external resistive divider according to the following equation: 
 
⎛ +
=
2
R
1
R
1
V
V
FB
OUT
 
 
Where VFB is the feedback reference voltage (0.925V typ.). 
 
External Bootstrap Diode 
Connect a 10nF low ESR ceramic capacitor between the BOOT pin and SW pin. This capacitor provides the gate driver voltage 
for the high side MOSFET. 
 
It is recommended to add an external bootstrap diode between an external 5V and the BOOT pin for efficiency improvement 
when input voltage is lower than 5.5V or duty ratio is higher than 65%. The bootstrap diode can be a low cost one such as 
1N4148 or BAT54. 
 
Soft‐Start 
The  RS6507  contains  an  external  soft‐start  clamp  that  gradually  raises  the  output  voltage.  The  soft‐start  timing  can  be 
programmed  by  the  external  capacitor  between  SS  pin  and  GND.  The  chip  provides  a  7μA  charge  current  for  the  external 
capacitor. If a 0.1μF capacitor is used to set the soft‐start and its period will be 13ms(typ.). 
 
Inductor Selection 
The inductor value and operating frequency determine the ripple current according to a specific input and output voltage. 
The ripple current ΔIL increases with higher VIN and decreases with higher inductance. 
 
⎥⎦
⎢⎣
⎡ −
×
⎥⎦
⎢⎣
×
=
Δ
IN
OUT
OUT
L
V
V
1
L
f
V
I
 
 
Having a lower ripple current reduces not only the ESR losses in the output capacitors but also the output voltage ripple. High 
frequency with small ripple current can achieve highest efficiency operation. However, it requires a large inductor to achieve 
this goal. 
 
For the ripple current selection, the value of ΔIL = 0.2375(IMAX) will be a reasonable starting point. The largest ripple current 
occurs at the highest VIN. To guarantee that the ripple current stays below the specified maximum, the inductor value should 
be chosen according to the following equation: 
 
⎥⎦
⎢⎣
⎡ −
×
⎥⎦
⎢⎣
Δ
×
=
)
MAX
(
IN
OUT
)
MAX
(
L
OUT
V
V
1
I
f
V
L
 
 


Similar Part No. - SK33

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK33 PANJIT-SK33 Datasheet
61Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Continental Device Indi...
SK33 CDIL-SK33 Datasheet
264Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SK33 PANJIT-SK33 Datasheet
71Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SK33 DIOTEC-SK33 Datasheet
140Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
logo
Micro Commercial Compon...
SK33 MCC-SK33 Datasheet
302Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK33

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6509A ORISTER-RS6509A Datasheet
580Kb / 10P
   3A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6511A ORISTER-RS6511A Datasheet
577Kb / 10P
   3A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
RS6508A ORISTER-RS6508A Datasheet
517Kb / 10P
   2A, 20V, 1.2MHz DC/DC Asynchronous Step?륞own Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com