Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5509-42 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # R5509-42
Description  NIR PHOTOMULTIPLIER TUBES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5509-42 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  R5509-42 Datasheet HTML 1Page - Hamamatsu Corporation R5509-42 Datasheet HTML 2Page - Hamamatsu Corporation R5509-42 Datasheet HTML 3Page - Hamamatsu Corporation R5509-42 Datasheet HTML 4Page - Hamamatsu Corporation R5509-42 Datasheet HTML 5Page - Hamamatsu Corporation R5509-42 Datasheet HTML 6Page - Hamamatsu Corporation R5509-42 Datasheet HTML 7Page - Hamamatsu Corporation R5509-42 Datasheet HTML 8Page - Hamamatsu Corporation R5509-42 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Sample 6
B-Doped Si (111)
Sample 7
InGaAsP/InP
Sample 8
APPLICATION EXAMPLES
Photoluminescence measurement
GComparison with Ge PIN photodiode
low resistivity wafer 0.005-0.2
Ωcm
300K
TPMHB0451EC
77K
TPMHB0453EC
(
)
room
temperature
1200
1000
1400
WAVELENGTH (nm)
R5509-42
Ge PIN-PD
(77 K)
EXCITATION LIGHT: Ar LASER (514.5 nm)
SAMPLE TEMPERATURE: 300 K
1200
1300
1250
1350
1400
WAVELENGTH (nm)
R5509-72
Ge PIN PD
(77 K)
EXCITATION LIGHT: Ar LASER (514.5 nm)
200
µW
SAMPLE TEMPERATURE: 77 K
77K
300K
TPMHB0617EA
TPMHB0618EA
(
)
room
temperature
SAMPLE TEMPERATURE
SAMPLE TEMPERATURE
Data was measured with a near infrared
measurement system described later.
SAMPLE TEMPERATURE
SAMPLE TEMPERATURE
InGaAsP/InP
An epitaxial wafer at the room temper-
ature can be evaluated.
Photoluminescence measurement in
77K sample is possible at low power
excitation lights from a few to tens of
micro-watts.
p + InP SUB
350
µm
p + InP 2
µm
p - InGaAsP
2
µm
p - InP
0.02
µm 2 × 1016 cm-3
TPMHC0187EB
1100
1200
1300
1400
WAVELENGTH (nm)
1500
1600
1700
EXCITATION LIGHT: SHG Nd: YAG (532 nm)
SLIT: 0.5
× 0.5 mm
SAMPLE TEMPERATURE: 300K
EXCITATION LIGHT
POWER: 0.6 mW
EXCITATION LIGHT
POWER: 3 mW
1100
1200
1300
1400
WAVELENGTH (nm)
1500
1600
1700
EXCITATION LIGHT POWER: 8
µW
EXCITATION LIGHT POWER: 50
µW
EXCITATION LIGHT POWER: 0.6 mW
EXCITATION LIGHT POWER: 3 mW
EXCITATION LIGHT: SHG Nd: YAG (532 nm)
SLIT: 0.2
× 0.2 mm
SAMPLE TEMPERATURE: 77K
The R5509-42 PMT provides high detection effi-
ciency that allows detecting a distinct photolumi-
nescent peak with a high S/N ratio from a room
temperature sample.
The data were taken with a relatively weak excita-
tion in order to compare with a germanium detec-
tor (Ge PIN PD) which did not show a clear peak.
InGaAs/InP photoluminescence measurements were
performed under weak excitation conditions in order
to compare the detection limit between the R5509-72
and a Ge PIN photodiode. The result proves that the
R5509-72 allows to detect a peak output in the vicinity
of 1.3
µm which is undetectable with the Ge PIN pho-
todiode.
In addition to the improvement in the detection limit at
low light levels in the NIR region, the R5509-72 pro-
vides excellent time response, therefore, time-resolved
photometry in the NIR region is now possible.


Similar Part No. - R5509-42

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5509-43 HAMAMATSU-R5509-43 Datasheet
121Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
R5509-43 HAMAMATSU-R5509-43 Datasheet
103Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
R5509-43 HAMAMATSU-R5509-43_05 Datasheet
103Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
More results

Similar Description - R5509-42

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5509-43 HAMAMATSU-R5509-43_05 Datasheet
103Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
R5509-43 HAMAMATSU-R5509-43 Datasheet
121Kb / 4P
   NIR PHOTOMULTIPLIER TUBES
R6427 HAMAMATSU-R6427 Datasheet
63Kb / 4P
   PHOTOMULTIPLIER TUBES
R1463 HAMAMATSU-R1463 Datasheet
45Kb / 4P
   PHOTOMULTIPLIER TUBES
R2693 HAMAMATSU-R2693_07 Datasheet
162Kb / 4P
   PHOTOMULTIPLIER TUBES
R4220 HAMAMATSU-R4220_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R2083 HAMAMATSU-R2083_15 Datasheet
44Kb / 2P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R13478 HAMAMATSU-R13478 Datasheet
237Kb / 4P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_03 Datasheet
141Kb / 4P
   PHOTOMULTIPLIER TUBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com