Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD13N06 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQD13N06
Description  N-Channel QFET MOSFET 60 V, 10 A, 140 m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD13N06 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQD13N06 Datasheet HTML 1Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 2Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 3Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 4Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 5Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 6Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 7Page - Fairchild Semiconductor FQD13N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2000 Fairchild Semiconductor Corporation
FQD13N06 Rev. C1
www.fairchildsemi.com
4
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-1
10
0
N o te s :
1 . Z
θ
JC(t ) = 4 . 5
/W M a x .
2 . D u ty F a c to r, D = t
1 /t 2
3 . T
JM - T C = P DM
Z
*
θ
JC(t )
s ing le pu ls e
D= 0 .5
0.0 2
0.2
0.0 5
0.1
0.0 1
25
50
75
100
125
150
0
2
4
6
8
10
T
C, Case Temperature [
]
10
-1
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
DC
10 ms
1 ms
100 µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
Notes :
1. V
GS = 10 V
2. I
D = 5.0 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS = 0 V
2. I
D = 250
μ
A
T
J, Junction Temperature [
oC]
Typical Characteristics (Continued)
V
DS, Drain-Source Voltage [V]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
t
1 , S q u a r e W a v e P u l s e D u ra ti o n [s e c ]
Figure 11. Transient Thermal Response Curve
t1
PDM
t2


Similar Part No. - FQD13N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
   60V N-Channel MOSFET
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
logo
Inchange Semiconductor ...
FQD13N06 ISC-FQD13N06 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
653Kb / 9P
   60V LOGIC N-Channel MOSFET
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
More results

Similar Description - FQD13N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
FQD20N06LTF FAIRCHILD-FQD20N06LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 60 V, 17.2 A, 42 m
FQD18N20V2TM FAIRCHILD-FQD18N20V2TM Datasheet
737Kb / 9P
   N-Channel QFET MOSFET 200 V, 15 A, 140 mOhm
FQD7P06TF FAIRCHILD-FQD7P06TF Datasheet
543Kb / 8P
   P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
FQT13N06TF FAIRCHILD-FQT13N06TF Datasheet
774Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQT13N06LTF FAIRCHILD-FQT13N06LTF Datasheet
760Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQB11P06TM FAIRCHILD-FQB11P06TM Datasheet
1Mb / 9P
   P-Channel QFET MOSFET -60 V, -11.4 A, 175 m廓
FQD17N08LTF FAIRCHILD-FQD17N08LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com