Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2693P Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R2693P
Description  PHOTOMULTlPLlER TUBES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R2693P Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R2693P Datasheet HTML 1Page - Hamamatsu Corporation R2693P Datasheet HTML 2Page - Hamamatsu Corporation R2693P Datasheet HTML 3Page - Hamamatsu Corporation R2693P Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transmission Mode Low Noise Bialkali Photocathode
28mm (1-1/8 inch) Diameter, Side-on Type
GENERAL
FEATURES
Parameter
Description
Unit
Spectral Response
Wavelength of Maximum Response
185 to 650
nm
nm
Photocathode
MateriaI
375
Structure
1.2
pF
Anode to Last Dynode
3.4
pF
Anode to All Other Electrodes
Minimum Effective Area
Low noise bialkali
mm
Window Material
16(H)
18(W)
Dynode
Direct Interelectrode Capacitances
Base
Applicable Socket Assembly
UV glass
Circular-cage
Number of Stages
9
11-pin base
JEDEC No. B11-88
E717–21 (option)
SuitabIe Socket
E678–11A (option)
Low Dark Current
Low Dark Counts (R2693P)
Wide Photocathode
Excellent Spatial Uniformity
Fast Time Response
APPLICATIONS
Fluorescence Detector
Chemiluminescence Detector
Raman Spectroscopy
Emission Spectroscopy
Light Scattering Detector
Figure 1: Electron Trajectories
Figure 2: Typical Spatial Uniformity
PHOTOMULTlPLlER TUBES
R2693, R2693P
TPMSC0003EB
LIGHT
PHOTOCATHODE
GLASS
BULB
FOCUSING
ELECTRODES
1st DYNODE
3rd DYNODE
2nd DYNODE
PHOTOELECTRONS
TPMSB0066EA
Y
X
100
80
60
40
20
0
84
0
4
8
DISTANCE FROM CENTER OF
PHOTOCATHODE (mm)
100
80
60
40
20
0
9
4.5
0
9
4.5
DISTANCE FROM CENTER OF
PHOTOCATHODE (mm)
SPOTSIZE : 1mm DIA
SUPPLY VOLTAGE : 1000V
WAVELENGTH : 400nm
X-Axis
Y-Axis
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. © 1993 Hamamatsu Photonics K.K.


Similar Part No. - R2693P

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R2693P HAMAMATSU-R2693P Datasheet
162Kb / 4P
   PHOTOMULTIPLIER TUBES
More results

Similar Description - R2693P

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1527 HAMAMATSU-R1527 Datasheet
84Kb / 4P
   PHOTOMULTlPLlER TUBES
R632 HAMAMATSU-R632 Datasheet
27Kb / 2P
   PHOTOMULTlPLlER TUBES
R3788 HAMAMATSU-R3788 Datasheet
73Kb / 4P
   PHOTOMULTlPLlER TUBES
R7447 HAMAMATSU-R7447 Datasheet
68Kb / 4P
   PHOTOMULTlPLlER TUBES
R4220 HAMAMATSU-R4220 Datasheet
75Kb / 4P
   PHOTOMULTlPLlER TUBES
R980 HAMAMATSU-R980 Datasheet
66Kb / 2P
   PHOTOMULTlPLlER TUBES
R7446 HAMAMATSU-R7446 Datasheet
70Kb / 4P
   PHOTOMULTlPLlER TUBES
R877 HAMAMATSU-R877 Datasheet
20Kb / 2P
   PHOTOMULTlPLlER TUBES
R3310-02 HAMAMATSU-R3310-02 Datasheet
85Kb / 4P
   PHOTOMULTlPLlER TUBES
R464 HAMAMATSU-R464 Datasheet
35Kb / 2P
   PHOTOMULTlPLlER TUBES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com