Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2486-02 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R2486-02
Description  POSITION-SENSITIVE PHOTOMULTIPLIER TUBES WITH CROSSED WIRE ANODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R2486-02 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R2486-02 Datasheet HTML 1Page - Hamamatsu Corporation R2486-02 Datasheet HTML 2Page - Hamamatsu Corporation R2486-02 Datasheet HTML 3Page - Hamamatsu Corporation R2486-02 Datasheet HTML 4Page - Hamamatsu Corporation R2486-02 Datasheet HTML 5Page - Hamamatsu Corporation R2486-02 Datasheet HTML 6Page - Hamamatsu Corporation R2486-02 Datasheet HTML 7Page - Hamamatsu Corporation R2486-02 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
POSITION-SENSITIVE PHOTOMULTIPLIER TUBES R2486 SERIES
Parameter
GENERAL
Spectral Response
Wavelength of Maximum Response
Photocathode Material
Window
Dynode
Anode Number of Wires
Effective Area
300 to 600
420
Bialkali
Borosilicate glass
Plano-plano
3.0
± 0.3
1.5
Coarse mesh
12
16 (X) + 16 (Y)
50
nm
nm
mm
mm
Material
Shape
Thickness
Index of Refraction at 420 nm
Structure
Number of Stages
Description/Value
Unit
CHARACTERISTICS (Typ. at 25
°C)
Table 1: Voltage Distribution Ratio and Supply Voltage
Parameter
MAXIMUM RATINGS
Supply Voltage
Between Anode and Cathode
Average Anode Current AH
Ambient
Temperature
R2486
R2486-01, -02, -03, -04
1300
0.1
-80 to +50
-30 to +50
V dc
mA
°C
Value
Unit
Averaged over any interval of 30 seconds maxi-
mum.
The light source is a tungsten filament lamp opera-
ted at a distribution temperature of 2856K. Supply
voltage is 150 volts between the cathode and all
other electrodes connected together as an anode.
The value is cathode output current when a blue
filter (Corning CS No. 5-58 polished to 1/2 stock
thickness) is interposed between the light source
and the tube under the same condition as Note
B.
Measured with the same light source as Note
B
and with the anode-to-cathode supply voltage and
voltage distribution ratio shown in Table 1.
Measured with the same supply voltage and vol-
tage distribution ratio as Note
D at 30 minutes af-
ter removal of light.
The rise time is the time for the output pulse to rise
from 10 % to 90 % of the peak amplitude when the
entire photocathode is illuminated by a delta func-
tion light pulse.
The electron transit time is the interval between
the arrival of a delta function light pulse at the en-
trance window of the tube and the time the output
pulse reaches the peak amplitude. In measure-
ment the entire photocathode is illuminated.
In the case of R2486
NOTES
A:
B:
C:
D:
E:
F:
G:
H:
Supply Voltage: 1250 V dc, K: Cathode, Dy: Dynode, P: Anode
Electrodes
Distribution Ratio
K
Dy1
1
Dy2
1
Dy3
1
Dy4
Dy5
1
Dy6
1
Dy7
11
Dy8
Dy9
Dy10
Dy11
Dy12
P
11
11
1
1
2
Cathode Sensitivity
Anode Sensitivity D
Gain D
Anode Dark Current E
Time Response D
80
72
9.0
23
40
36
× 103
5.0
× 105
20
5.5
17
µA/lm
mA/W
%
A/lm
A/W
nA
ns
ns
Luminous B
Radiant at 420 nm
Blue Sensitivity index
(CS 5-58) C
Quantum Efficiency
at 390 nm (peak)
Luminous
Radiant at 420 nm
Rise Time F
Electron Transit Time G
Parameter
Value
Unit


Similar Part No. - R2486-02

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R24-100A RECOM-R24-100A Datasheet
80Kb / 3P
   5 Watt Single Output
R24-100B RECOM-R24-100B Datasheet
90Kb / 3P
   High Output Voltage DIP24 converter
R24-150A RECOM-R24-150A Datasheet
80Kb / 3P
   5 Watt Single Output
R24-150B RECOM-R24-150B Datasheet
90Kb / 3P
   High Output Voltage DIP24 converter
R24-180S15N RECOM-R24-180S15N Datasheet
83Kb / 2P
   INNOLINE DC/DC-Converter
More results

Similar Description - R2486-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
3292 HAMAMATSU-3292 Datasheet
79Kb / 6P
   POSITION-SENSITIVE PHOTOMULTIPLIER TUBES
R8900-00-C12 HAMAMATSU-R8900-00-C12 Datasheet
296Kb / 4P
   POSITION SENSITIVE PHOTOMULTIPLIER TUBES
R8520-00-C12 HAMAMATSU-R8520-00-C12 Datasheet
147Kb / 4P
   POSITION SENSITIVE PHOTOMULTIPLIER TUBES
R6427 HAMAMATSU-R6427 Datasheet
63Kb / 4P
   PHOTOMULTIPLIER TUBES
R1463 HAMAMATSU-R1463 Datasheet
45Kb / 4P
   PHOTOMULTIPLIER TUBES
R2693 HAMAMATSU-R2693_07 Datasheet
162Kb / 4P
   PHOTOMULTIPLIER TUBES
R4220 HAMAMATSU-R4220_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R2083 HAMAMATSU-R2083_15 Datasheet
44Kb / 2P
   PHOTOMULTIPLIER TUBES
R8486 HAMAMATSU-R8486_15 Datasheet
225Kb / 4P
   PHOTOMULTIPLIER TUBES
R13478 HAMAMATSU-R13478 Datasheet
237Kb / 4P
   PHOTOMULTIPLIER TUBES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com