Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISOBAR6DBS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ISOBAR6DBS
Description  6 outlet, 6ft cord, 2850 joules, 2-line coaxial, 1-line tel/modem, All-metal housing Isobar Surge
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISOBAR6DBS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ISOBAR6DBS Datasheet HTML 1Page - List of Unclassifed Manufacturers ISOBAR6DBS Datasheet HTML 2Page - List of Unclassifed Manufacturers ISOBAR6DBS Datasheet HTML 3Page - List of Unclassifed Manufacturers ISOBAR6DBS Datasheet HTML 4Page - List of Unclassifed Manufacturers ISOBAR6DBS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Tripp Lite:
ISOBAR6DBS


Similar Part No. - ISOBAR6DBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISOBAR6 ETC2-ISOBAR6 Datasheet
499Kb / 5P
   Premium Isobar Surge Suppressor with 6 outlets and a 6-ft. cord
ISOBAR6ULTRA ETC2-ISOBAR6ULTRA Datasheet
500Kb / 5P
   6-Outlet Isobar Surge Protector with 6-ft Cord and All-Metal Housing
logo
Tripp Lite. All Rights ...
ISOBAR6ULTRA TRIPPLITE-ISOBAR6ULTRA Datasheet
179Kb / 4P
   Isobar 6-Outlet Surge Protector, 6 ft. Cord with Right-Angle Plug, 3330 Joules, Diagnostic LEDs, Metal Housing
logo
List of Unclassifed Man...
ISOBAR6ULTRAHG ETC2-ISOBAR6ULTRAHG Datasheet
515Kb / 5P
   Isobar Hospital Surge Protector with 6 Hospital-Grade Outlets and All-Metal Housing
logo
Tripp Lite. All Rights ...
ISOBAR6ULTRAHG TRIPPLITE-ISOBAR6ULTRAHG Datasheet
167Kb / 4P
   Isobar UL 1363 Hospital-Grade 6-Outlet Surge Protector, 15 ft. (4.57 m) Cord, 3330 Joules, LEDs, Not For Patient-Care Vicinities
More results

Similar Description - ISOBAR6DBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP606RNET ETC2-TLP606RNET Datasheet
550Kb / 4P
   6 Outlets, 6ft cord, 1440 Joules, 1-line rotating gold coaxial 1-line tel/modem protection - Surge Suppressor
ISOTEL6ULTRA ETC2-ISOTEL6ULTRA Datasheet
505Kb / 5P
   6-Outlet Isobar Surge Protector with 6-ft Cord and 2-Line Tel/Modem Protection
ISOTEL4ULTRA ETC2-ISOTEL4ULTRA Datasheet
506Kb / 5P
   4-outlet, 6-ft cord, 3330 joules, Modem/fax protection, All metal housing Isobar Surge Suppressor
ISOBAR4ULTRA ETC2-ISOBAR4ULTRA Datasheet
496Kb / 5P
   4 outlets, 6ft cord, 3330 joules, All-metal housing with LEDs - Isobar Surge Suppressor
logo
Tripp Lite. All Rights ...
ISOTEL6ULTRA TRIPPLITE-ISOTEL6ULTRA Datasheet
167Kb / 4P
   Isobar 6-Outlet Surge Protector, 6 ft. Cord with Right-Angle Plug, 3300 Joules, Diagnostic LEDs, Tel/Fax/Modem, Metal
logo
List of Unclassifed Man...
IBAR12 ETC2-IBAR12 Datasheet
486Kb / 5P
   12 outlet, 15-ft cord, 3840 joules, All metal housing Rackmount Isobar Surge Suppressor
ISOBAR6ULTRA ETC2-ISOBAR6ULTRA Datasheet
500Kb / 5P
   6-Outlet Isobar Surge Protector with 6-ft Cord and All-Metal Housing
ULTRAFAX ETC2-ULTRAFAX Datasheet
532Kb / 5P
   2 outlet, Direct plug-in, 1410 joules, All-Metal Housing Isobar Surge Suppressor
ISOBAR2-6 ETC2-ISOBAR2-6 Datasheet
500Kb / 5P
   2-outlet, 6-ft cord, 1410 joule, All metal housing Isobar Surge Suppressor - Premium surge, spike and line noise protection
ISOTEL ETC2-ISOTEL Datasheet
500Kb / 5P
   4 outlet, 6-ft cord, 3330 joules Isobar Surge Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com