Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1477-06 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R1477-06
Description  PHOTOMULTIPLIER TUBE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R1477-06 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R1477-06 Datasheet HTML 1Page - Hamamatsu Corporation R1477-06 Datasheet HTML 2Page - Hamamatsu Corporation R1477-06 Datasheet HTML 3Page - Hamamatsu Corporation R1477-06 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAXIMUM RATINGS (Absolute Maximum Values at 25
°C)
Parameter
Value
Unit
Supply Voltage
Average Anode Current A
Ambient Temperature
Vdc
Vdc
mA
°C
1250
250
0.1
-80 to +50
Between Anode and Cathode
Between Anode and Last Dynode
PHOTOMULTIPLIER TUBE R1477-06
CHARACTERISTICS (at 25
°C)
Table 1: Voltage Distribution Ratio
Parameter
Min.
Unit
Cathode
Sensitivity
Anode
Sensitivity
Gain E
Anode Dark Current F
(After 30 minute storage in the darkness)
ENI (Equivalent Noise Input) G
Time
Response E
Anode Current
Stability L
µA/lm
mA/W
mA/W
mA/W
mA/W
%
µA/lm-b
A/lm
A/W
A/W
A/W
A/W
nA
W
ns
ns
ns
%
%
350
0.25
1000
Max.
50
Typ.
375
40
80
62
5.0
24
0.35
1.0
2000
2.4
× 105
4.2
× 105
3.3
× 105
2.7
× 104
5.3
× 106
3
1.7
× 10-16
2.2
22
1.2
0.1
1
Luminous B
Radiant
Quantum
Efficiency
Red/White Ratio C
Blue D
Luminous E
Radiant
Anode Pulse Rise Time H
Electron Transit Time J
Transit Time Spread (TTS) K
Current Hysteresis
Voltage Hysteresis
at 254 nm
at 450 nm
at 633 nm
at 852 nm
at 370 nm
at 254nm
at 450nm
at 633nm
at 852nm
NOTES
A: Averaged over any interval of 30 seconds maximum.
B: The light source is a tungsten filament lamp operated at
a distribution temperature of 2856K. Supply voltage is
100 volts between the cathode and all other electrodes
connected together as anode.
C: Red/white ratio is the quotient of the cathode current
measured using a red filter (Toshiba R-68) interposed
between the light source and the tube by the cathode
current measured with the filter removed under the
same conditions as Note B.
D: The value is cathode output current when a blue filter
(Corning CS 5-58 polished to 1/2 stock thickness) is
interposed between the light source and the tube under
the same conditions as Note B.
E: Measured with the same light source as Note B and with
the voltage distribution ratio shown in Table 1 below.
F: Measured with the same supply voltage and voltage dis-
tribution ratio as Note E after removal of light.
G: ENI is an indication of the photon-limited signal-to-noise
ratio. It refers to the amount of light in watts to produce
a signal-to-noise ratio of unity in the output of a
photomultiplier tube.
where q = Electronic charge (1.60
× 10-19 coulomb)
ldb = Anode dark current (after 30 minute storage)
in amperes
G = Gain
∆f = Bandwidth of the system in hertz. 1 hertz is
used.
S = Anode radiant sensitivity in amperes per watt
at the wavelength of peak response.
H: The rise time is the time for the output pulse to rise from
10% to 90% of the peak amplitude when the entire pho-
tocathode is illuminated by a delta function light pulse.
J: The electron transit time is the interval between the
arrival of delta function light pulse at the entrance
window of the tube and the time when the anode output
reaches the peak amplitude.
In measurement, the
whole photocathode is illuminated.
K. Also called transit time jitter. This is the fluctuation in
electron transit time between individual pulses in the
signal photoelectron mode, and may be defined as the
FWHM of the frequency distribution of electron transit
times.
L. Hysteresis is temporary instability in anode current after
light and voltage are applied.
(1) Current Hysteresis
The tube is operated at 750 volts with an anode current of 1
micro-ampere for 5 minutes. The light is then removed from
the tube for a minute. The tube is then re-illuminated by the
previous light level for a minute to measure the variation.
(2)Voltage Hysteresis
The tube is operated at 300 volts with an anode current of
0.1 micro-ampere for 5 minutes. The light is then removed
from the tube and the supply voltage is quickly increased to
800 volts. After a minute, the supply voltage is reduced to
the previous value and the tube is re-illuminated for a
minute to measure the variation.
Supply Voltage= 1000Vdc
K: Cathode, Dy: Dynode, P: Anode
Electrodes
Distribution
Ratio
K
Dy1
1
Dy2
1
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
Dy9
11
P
ENI =
2q•ldb•G•
∆f
S
Hysteresis =
× 100 (%)
Imax. - Imin.
Ii
Imin.
Ii
Imax.
05
6
7 (MINUTES)
TIME


Similar Part No. - R1477-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R147 ETC2-R147 Datasheet
239Kb / 5P
   PENTODE AMPLIFICATRICE DE PUISSANCE A LONGUE DUREE
logo
Hammond Manufacturing L...
R147-005-000R HAMMOND-R147-005-000R Datasheet
85Kb / 1P
   Joint a rotule robuste
R147-005-200R HAMMOND-R147-005-200R Datasheet
85Kb / 1P
   Joint a rotule robuste
R147-010-000R HAMMOND-R147-010-000R Datasheet
75Kb / 1P
   Joint mural robuste
R147-010-200R HAMMOND-R147-010-200R Datasheet
75Kb / 1P
   Joint mural robuste
More results

Similar Description - R1477-06

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com