Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISOBLOK2-0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. ISOBLOK2-0
Description  2-outlet, Direct Plug-in, 1410 joules Isobar Surge Suppressor- Direct plug-in surge, spike and line
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ISOBLOK2-0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2-outlet, Direct Plug-in, 1410 joules Isobar Surge
Suppressor- Direct plug-in surge, spike and line
noise protection
MODEL NUMBER: ISOBLOK2-0
Description
Tripp Lite's Isobar ISOBLOK2-0 Surge Suppressor is ideal for protecting audio/visual devices and printers. This premium direct plug-in surge suppressor
features 2 outlets, diagnostic LED, and 1410 joules of energy absorption. An all-metal housing stands up to the toughest environments. $10,000 Ultimate
Lifetime Insurance (USA and Canada Only).
Features
Tripp Lite's ISOBAR is the world's number one selling premium suppressor series with more than 14 million satisfied customers and a safety-tested
history of 20+ years.
2 outlets with a direct plug-in design
Surge energy absorption: 1410 joules/48,000 amps
Diagnostic LEDs indicate "protection present" (green), "grounded" (red) and "line ok" (green)
EMI/RFI noise filtering
All-metal housing
$10,000 Ultimate Lifetime Insurance (USA and Canada Only) covers connected equipment
Specifications
OVERVIEW
Intended Application
Home/Office, Computer Networks
OUTPUT
Frequency compatibility
50 / 60 Hz
Output watts
1800
Highlights
2 outlets/direct plug-in
1410 joule rating
Diagnostic LEDs
All-metal housing
$10,000 Ultimate Lifetime
Insurance (USA, Puerto Rico &
Canada only)
Applications
Printers, audio/visual devices,
appliances, personal computers,
point-of-sale terminals, and more.
Package Includes
ISOBLOK2-0 Surge Suppressor
Warranty Information
Owner's manual
1 / 3


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn